Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLV1812MDDFREP Datasheet(PDF) 4 Page - Texas Instruments

Part # PLV1812MDDFREP
Description  TLV1812-EP and TLV1822-EP Enhanced Product 40V Rail-to-Rail Input Comparators with Push-Pull and Open-Drain Outputs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PLV1812MDDFREP Datasheet(HTML) 4 Page - Texas Instruments

  PLV1812MDDFREP Datasheet HTML 1Page - Texas Instruments PLV1812MDDFREP Datasheet HTML 2Page - Texas Instruments PLV1812MDDFREP Datasheet HTML 3Page - Texas Instruments PLV1812MDDFREP Datasheet HTML 4Page - Texas Instruments PLV1812MDDFREP Datasheet HTML 5Page - Texas Instruments PLV1812MDDFREP Datasheet HTML 6Page - Texas Instruments PLV1812MDDFREP Datasheet HTML 7Page - Texas Instruments PLV1812MDDFREP Datasheet HTML 8Page - Texas Instruments PLV1812MDDFREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
4 Specifications
4.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Supply voltage: VS = (V+) – (V–)
–0.3
42
V
Input pins (IN+, IN–) from (V– ) (2)
–0.3
(V+) + 0.3
V
Current into Input pins (IN+, IN–)
–10
10
mA
Output (OUT) voltage (Open-Drain) from (V–)(3)
–0.3
42
V
Output (OUT) voltage (Push-Pull) from (V–)
–0.3
(V+) + 0.3
V
Output (OUT) current (4) (5) (6)
-10
10
mA
Junction temperature, TJ
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions. If
used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
Input terminals are diode-clamped to (V–). Input signals that can swing more than 0.3V beyond the supply rails must be current-limited
to 10mA or less.
(3)
Output (OUT) for open drain can be greater than (V+) and inputs (IN+, IN–) as long as it is within the –0.3V to 42V range
(4)
The output is diode-clamped to (V-) for both output options, and diode clamped to (V+) for the push-pull output option. The open drain
version does not have a clamp to V+. Please see the Outputs and ESD Protection section of the Application Information Section for
more information.
(5)
Output sinking and sourcing current is internally limited to <35mA when operating within the Absolute Maximum output voltage limits.
The Absoulute Maximum Output Current limit specified here is the maximum current through the clamp structure when exceeding the
supply votlage below (V-) for both output options, or above (V+) for the push-pull option.
(6)
Short-circuit from output to (V–) or (V+). Continuous output short circuits at elevated supply voltages can result in excessive heating
and exceeding the maximum allowed junction temperature, leading to eventual device destruction.
4.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
(1)
JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250V CDM allows safe manufacturing with a standard ESD control process.
4.3 Thermal Information - EP
THERMAL METRIC(1)
TLV1812-EP
UNIT
DDF (SOT-23)
8 PINS
RθJA
Junction-to-ambient thermal resistance
170.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
90.3
°C/W
RθJB
Junction-to-board thermal resistance
88.1
°C/W
ψJT
Junction-to-top characterization parameter
7.5
°C/W
ψJB
Junction-to-board characterization parameter
87.6
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
–
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics report.
TLV1812-EP, TLV1822-EP
SNOSDJ3 – MAY 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLV1812-EP TLV1822-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com