Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLV1812MDDFREP Datasheet(PDF) 11 Page - Texas Instruments

Part # PLV1812MDDFREP
Description  TLV1812-EP and TLV1822-EP Enhanced Product 40V Rail-to-Rail Input Comparators with Push-Pull and Open-Drain Outputs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PLV1812MDDFREP Datasheet(HTML) 11 Page - Texas Instruments

Back Button PLV1812MDDFREP Datasheet HTML 7Page - Texas Instruments PLV1812MDDFREP Datasheet HTML 8Page - Texas Instruments PLV1812MDDFREP Datasheet HTML 9Page - Texas Instruments PLV1812MDDFREP Datasheet HTML 10Page - Texas Instruments PLV1812MDDFREP Datasheet HTML 11Page - Texas Instruments PLV1812MDDFREP Datasheet HTML 12Page - Texas Instruments PLV1812MDDFREP Datasheet HTML 13Page - Texas Instruments PLV1812MDDFREP Datasheet HTML 14Page - Texas Instruments PLV1812MDDFREP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
5 Detailed Description
5.1 Overview
The TLV181x-EP and TLV182x-EP devices are micro-power comparators with push-pull and open-drain output
options. Operating down to –55°C while only consuming only 5µA per channel, the TLV181x-EP and TLV182x-
EP are well suited for power conscious systems and supply monitoring applications. An internal power-on reset
circuit ensures that the output remains in a known state during power-up and power-down.
5.2 Functional Block Diagrams
OUT
+
-
IN+
IN-
Bias
Power-On
Reset
V+
V-
V+
V-
V-
V-
Output
Control
V-
V+
Power
Clamp
V+
V+
ESD
CLAMPS
ESD
CLAMPS
Figure 5-1. TLV1812-EP Block Diagram
OUT
+
-
IN+
IN-
Bias
Power-On
Reset
V+
V-
V-
V-
V-
Output
Control
V-
V+
Power
Clamp
V+
V+
ESD
CLAMPS
Body
Diode
(Not ESD)
5k
Figure 5-2. TLV1822-EP Block Diagram
www.ti.com
TLV1812-EP, TLV1822-EP
SNOSDJ3 – MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TLV1812-EP TLV1822-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com