Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLV1812MDDFREP Datasheet(PDF) 13 Page - Texas Instruments

Part # PLV1812MDDFREP
Description  TLV1812-EP and TLV1822-EP Enhanced Product 40V Rail-to-Rail Input Comparators with Push-Pull and Open-Drain Outputs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PLV1812MDDFREP Datasheet(HTML) 13 Page - Texas Instruments

Back Button PLV1812MDDFREP Datasheet HTML 9Page - Texas Instruments PLV1812MDDFREP Datasheet HTML 10Page - Texas Instruments PLV1812MDDFREP Datasheet HTML 11Page - Texas Instruments PLV1812MDDFREP Datasheet HTML 12Page - Texas Instruments PLV1812MDDFREP Datasheet HTML 13Page - Texas Instruments PLV1812MDDFREP Datasheet HTML 14Page - Texas Instruments PLV1812MDDFREP Datasheet HTML 15Page - Texas Instruments PLV1812MDDFREP Datasheet HTML 16Page - Texas Instruments PLV1812MDDFREP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
Directly shorting the output to the opposite supply rail (V+ when output "low" or V- when output "High") can result
in thermal runaway and eventual device destruction at high (>12V) supply voltages. If output shorts are possible,
a series current limiting resistor is recommended to limit the power dissipation.
Unused push-pull outputs mustbe left floating, and never tied to a supply, ground, or another output.
5.4.2.2 TLV1822-EP Open-Drain Output
The TLV1822-EP features an open-drain (also commonly called open collector) sinking-only output stage
enabling the output logic levels to be pulled up to an external voltage from 0V up to 40V, independent of
the comparator supply voltage (V+). The open-drain output allows logical OR'ing of multiple open drain outputs
and logic level translation. TI recommends setting the pull-up resistor current to between 100uA and 1mA. Lower
value pull-up resistor values will help increase the rising edge rise-time, but at the expense of increasing VOL and
higher power dissipation. The rise-time is dependent on the time constant of the total pull-up resistance and total
load capacitance. Large value pull-up resistors (>1MΩ) will create an exponential rising edge due to the output
RC time constant and increase the rise-time.
Directly shorting the output to V+ can result in thermal runaway and eventual device destruction at high (>12V)
pull-up voltages. If output shorts are possible, a series current limiting resistor is recommended to limit the power
dissipation.
Unused open drain outputs may be left floating, or may be tied to the V- pin if floating pins are not desired.
5.4.3 Power-On Reset (POR)
The TLV18x2-EP family has an internal Power-on-Reset (POR) circuit for known start-up or power-down
conditions. While the power supply (V+) is ramping up or ramping down, the POR circuitry will be activated
for up to 200µs after the minimum supply voltage threshold of 2.4V is crossed, or immediately when the supply
voltage drops below 2.4V. When the supply voltage is equal to or greater than the minimum supply voltage, and
after the delay period, the comparator output reflects the state of the differential input (VID).
For the TLV1812-EP push-pull output devices, the output is held low during the POR period (ton).
For the TLV1822-EP open drain output option the POR circuit will keep the output high impedance (Hi-Z) during
the POR period (ton).
tON
VOH/2
V-
OUT
V+
(V-) + 2.4V
V-
Figure 5-3. Power-On Reset Timing Diagram
Note: The output voltage rises with the pull-up voltage during the POR period.
5.4.4 Hysteresis
The TLV18x2-EP family does not have internal hysteresis. Due to the wide effective bandwidth and low input
offset voltage, it is possible for the output to "chatter" when the absolute differential voltage is near zero as the
comparator triggers on it's own internal wideband noise. This is normal comparator behavior and is expected. TI
recommends that the user add external hysteresis if slow moving signals are expected. See Section 6.1.2 in the
following section.
www.ti.com
TLV1812-EP, TLV1822-EP
SNOSDJ3 – MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TLV1812-EP TLV1822-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com