Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLV1812MDDFREP Datasheet(PDF) 12 Page - Texas Instruments

Part # PLV1812MDDFREP
Description  TLV1812-EP and TLV1822-EP Enhanced Product 40V Rail-to-Rail Input Comparators with Push-Pull and Open-Drain Outputs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PLV1812MDDFREP Datasheet(HTML) 12 Page - Texas Instruments

Back Button PLV1812MDDFREP Datasheet HTML 8Page - Texas Instruments PLV1812MDDFREP Datasheet HTML 9Page - Texas Instruments PLV1812MDDFREP Datasheet HTML 10Page - Texas Instruments PLV1812MDDFREP Datasheet HTML 11Page - Texas Instruments PLV1812MDDFREP Datasheet HTML 12Page - Texas Instruments PLV1812MDDFREP Datasheet HTML 13Page - Texas Instruments PLV1812MDDFREP Datasheet HTML 14Page - Texas Instruments PLV1812MDDFREP Datasheet HTML 15Page - Texas Instruments PLV1812MDDFREP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
5.3 Feature Description
TLV18x2-EP Family Options
The TLV18x2-EP family features 40V operation, micro-power 5µA supply currents, 420ns propagation delay, and
a Power-On Reset (POR) function.
The TLV1812-EP has a push-pull (sink-source) output.
The TLV1822-EP has a open-drain (sink only) output, capable of being pulled-up to any voltage up to 40V,
independent of comparator supply voltage.
5.4 Device Functional Modes
5.4.1 Inputs
5.4.1.1 TLV18x2-EP Rail-to-Rail Input
The TLV18x2-EP input voltage range extends from 200mV below V- to 200mV above V+. The differential input
voltage (VID) may be any voltage within these limits. No phase-inversion of the comparator output will occur
when the input voltages stay within the specified range.
For the TLV1812-EP, the inputs have ESD clamps to the V+supply line and therefore the input voltages must not
exceed the supply voltages by more than 200mV. It is not recommended to apply signals to the rail to rail inputs
with no supply voltage.
For the TLV1822-EP, the inputs do not have conventional ESD clamps to the V+ supply line.
5.4.1.2 ESD Protection
The TLV1822-EP open-drain output ESD protection consists of a snapback ESD clamp between the output and
V- to allow the output to be pulled above V+ to a maximum of 40V. There is a "lower" ESD clamp between V-
and the inputs. There is also a parasitic "upper" ESD soft-clamp diode between the input and V+ with a 5kΩ
equivalent resistance (as shown in Figure 5-2). They are not traditional ESD cells thus current must be limited
to 1mA or less across the this upper diode and resistance. External diode clamping is recommended if the input
voltage may exceed V+ during operation.
The TLV1812-EP push-pull output ESD protection contains a conventional diode-type "upper" ESD clamp
between the output and V+, and a "lower" ESD clamp between the output and V-. The output must not exceed
the supply rails by more than 200mV.
If the inputs are to be connected to a low impedance source, such as a power supply or buffered reference line,
TI recommends adding a current-limiting resistor in series with the input to limit any currents when the clamps
conduct. The current must be limited 10mA or less, though TI recommends limiting the current to 1mA or less.
This series resistance may be part of any resistive input dividers or networks.
5.4.1.3 Unused Inputs
If a channel is not to be used, DO NOT tie the inputs together. Due to the high equivalent bandwidth and low
offset voltage, tying the inputs directly together may cause high frequency chatter as the device triggers on it's
own internal wideband noise. Instead, the inputs must be tied to any available voltage that resides within the
specified input voltage range and provides a minimum of 50mV differential voltage. For example, one input can
be grounded and the other input connected to a reference voltage, or even V+ (as long as the input is directly
connected to the V+ pin to avoid transients).
5.4.2 Outputs
5.4.2.1 TLV1812-EP Push-Pull Output
The TLV1812-EP features a push-pull output stage capable of both sinking and sourcing current. This allows
driving loads such as LED's and MOSFET gates, as well as eliminating the need for a power-wasting external
pull-up resistor. The push-pull output must never be connected to another output.
TLV1812-EP, TLV1822-EP
SNOSDJ3 – MAY 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLV1812-EP TLV1822-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com