Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLV1812MDDFREP Datasheet(PDF) 1 Page - Texas Instruments

Part # PLV1812MDDFREP
Description  TLV1812-EP and TLV1822-EP Enhanced Product 40V Rail-to-Rail Input Comparators with Push-Pull and Open-Drain Outputs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PLV1812MDDFREP Datasheet(HTML) 1 Page - Texas Instruments

  PLV1812MDDFREP Datasheet HTML 1Page - Texas Instruments PLV1812MDDFREP Datasheet HTML 2Page - Texas Instruments PLV1812MDDFREP Datasheet HTML 3Page - Texas Instruments PLV1812MDDFREP Datasheet HTML 4Page - Texas Instruments PLV1812MDDFREP Datasheet HTML 5Page - Texas Instruments PLV1812MDDFREP Datasheet HTML 6Page - Texas Instruments PLV1812MDDFREP Datasheet HTML 7Page - Texas Instruments PLV1812MDDFREP Datasheet HTML 8Page - Texas Instruments PLV1812MDDFREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
TLV1812-EP and TLV1822-EP Enhanced Product 40V Rail-to-Rail Input Comparators
with Push-Pull and Open-Drain Outputs
1 Features
• Extended temperature range: –55°C to +125°C
• Wide supply range: 2.4V to 40V
• Rail-to-rail input
• Power-On Reset (POR) for known start-up
• Low input offset voltage: 500μV
• 420ns typical propagation delay
• Low quiescent current: 5μA per channel
• Low input bias current: 150fA
• Push-pull output option (TLV1812-EP)
• Open-drain output option (TLV1822-EP)
2 Applications
• Airborne BMS
• Airborne Radar
• Aircraft Cockpit Display
3 Description
The TLV1812-EP and TLV1822-EP are 40V dual
channel comparators with multiple output options.
The family offers rail to-rail inputs with push-pull
or open-drain output options. These devices also
haves an excellent speed-to-power combination with
a propagation delay of 420ns with a full supply voltage
range of 2.4V to 40V and a quiescent supply current
of only 5μA per channel.
All devices include a Power-On Reset (POR) feature.
This makes sure the output is in a known state
until the minimum supply voltage has been reached
before the output responds to the inputs, thus
preventing false outputs during system power-up and
powerdown.
The TLV1812-EP device has a push-pull output stage
capable of sinking and sourcing milliamps of current
when controlling an LED or driving a capacitive load
such as a MOSFET gate. The TLV1822-EP device
has an open-drain output stage that can be pulled up
to 40V independent of comparator supply voltage.
These comparators are available in the SOT23-8
packages and are specified for the extended
temperature range of –55°C to +125°C.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
TLV1812-EP
TLV1822-EP
DDF (SOT-23, 8)
2.9mm × 2.8mm
(1)
For all available packages, see Section 9.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
OUT
+
-
IN+
IN-
Bias
Power-On
Reset
V+
V-
Output
Control
V+
V-
TLV18x2-EP Block Diagram
TLV1812-EP, TLV1822-EP
SNOSDJ3 – MAY 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - PLV1812MDDFREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PLV1805QDBVRQ1 TI1-PLV1805QDBVRQ1 Datasheet
623Kb / 22P
40V, microPower, Push-Pull Automotive High Voltage Comparator with Shutdown
PLV1831QDCKRQ1 TI-PLV1831QDCKRQ1 Datasheet
1Mb / 31P
TLV183x-Q1 and TLV184x-Q1 Family of 40V, High-Speed Comparators
SEPTEMBER 2024
PLV1831QDCKRQ1 TI-PLV1831QDCKRQ1 Datasheet
1Mb / 35P
TLV183x-Q1 and TLV184x-Q1 Family of 40V, High-Speed Comparators
DECEMBER 2024
PLV1831QDCKRQ1 TI1-PLV1831QDCKRQ1 Datasheet
1Mb / 38P
TLV183x-Q1 and TLV184x-Q1 Family of 40V, High-Speed Comparators
DECEMBER 2024
PLV1831QDCKRQ1 TI2-PLV1831QDCKRQ1 Datasheet
1Mb / 38P
TLV183x-Q1 and TLV184x-Q1 Family of 40V, High-Speed Comparators
REVISED DECEMBER 2024
More results

Similar Description - PLV1812MDDFREP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC7215 NSC-LMC7215 Datasheet
360Kb / 11P
Micro-Power, Rail-to-Rail CMOS Comparators with Open-Drain/Push-Pull Outputs and TinyPak??Package
logo
Texas Instruments
TLV7211 TI-TLV7211 Datasheet
469Kb / 16P
CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
TLV7211 TI-TLV7211_07 Datasheet
474Kb / 19P
CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
logo
National Semiconductor ...
LMC7215 NSC-LMC7215_06 Datasheet
775Kb / 11P
Micro-Power, Rail-to-Rail CMOS Comparators with Push-Pull/Open-Drain Outputs and TinyPak??Package
logo
Texas Instruments
TLV7211 TI-TLV7211_10 Datasheet
722Kb / 20P
CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
LMC7215IM5-NOPB TI1-LMC7215IM5-NOPB Datasheet
1Mb / 19P
LMC7215/LMC7215-Q1/LMC7225 Micro-Power, Rail-to-Rail CMOS Comparators with Push- Pull/Open-Drain Outputs
LMC7215 TI-LMC7215_15 Datasheet
1Mb / 19P
Micro-Power, Rail-to-Rail CMOS Comparators with Push-Pull/Open-Drain Outputs
TLV1811 TI1-TLV1811_V03 Datasheet
2Mb / 46P
TLV181x and TLV182x Family of 40 V Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
REVISED SEPTEMBER 2023
TLV1811 TI1-TLV1811_V04 Datasheet
2Mb / 49P
TLV181x and TLV182x Family of 40 V Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
REVISED SEPTEMBER 2023
TLV1811 TI1-TLV1811_V05 Datasheet
3Mb / 57P
TLV181x and TLV182x Family of 40 V Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
REVISED SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com