Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLV1812MDDFREP Datasheet(PDF) 17 Page - Texas Instruments

Part # PLV1812MDDFREP
Description  TLV1812-EP and TLV1822-EP Enhanced Product 40V Rail-to-Rail Input Comparators with Push-Pull and Open-Drain Outputs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PLV1812MDDFREP Datasheet(HTML) 17 Page - Texas Instruments

Back Button PLV1812MDDFREP Datasheet HTML 13Page - Texas Instruments PLV1812MDDFREP Datasheet HTML 14Page - Texas Instruments PLV1812MDDFREP Datasheet HTML 15Page - Texas Instruments PLV1812MDDFREP Datasheet HTML 16Page - Texas Instruments PLV1812MDDFREP Datasheet HTML 17Page - Texas Instruments PLV1812MDDFREP Datasheet HTML 18Page - Texas Instruments PLV1812MDDFREP Datasheet HTML 19Page - Texas Instruments PLV1812MDDFREP Datasheet HTML 20Page - Texas Instruments PLV1812MDDFREP Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
R1
VA = VREF
VO High
+VCC
R2
R2
VA = VREF
VO Low
+VIN1
R1
VIN2
Figure 6-6. Non-Inverting Configuration Resistor Networks
When VIN is less than VREF,, the output is low. For the output to switch from low to high, VIN must rise above the
VIN1 threshold. Use Equation 4 to calculate VIN1.
V
= R1
IN1
´
VREF
R2
+ VREF
(4)
When VIN is greater than VREF, the output is high. For the comparator to switch back to a low state, VIN must
drop below VIN2. Use Equation 5 to calculate VIN2.
V
=
IN2
V
REF
CC
(R1 + R2)
V
R1
-
´
R2
(5)
The hysteresis of this circuit is the difference between VIN1 and VIN2, as shown in Equation 6.
DV = V
IN
CC
´
R1
R2
(6)
For more information, see the Inverting comparator with hysteresis circuit application note and the Non-Inverting
Comparator With Hysteresis Circuit application note.
6.1.2.3 Inverting and Non-Inverting Hysteresis using Open-Drain Output
It is also possible to use an open drain output device, such as the TLV1822-EP, but the output pull-up resistor
must also be taken into account in the calculations. The pull-up resistor is seen in series with the feedback
resistor when the output is high. Thus, the feedback resistor is actually seen as R2 + RPULLUP. TI recommends
that the pull-up resistor be at least 10 times less than the feedback resistor value.
6.2 Typical Applications
6.2.1 Window Comparator
Window comparators are commonly used to detect undervoltage and overvoltage conditions. Figure 6-7 shows a
simple window comparator circuit. Window comparators require open drain outputs (TLV1822-EP) if the outputs
are directly connected together.
www.ti.com
TLV1812-EP, TLV1822-EP
SNOSDJ3 – MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TLV1812-EP TLV1822-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com