Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1513402 Datasheet (PDF) - PHOENIX CONTACT

1513402 Datasheet PDF - PHOENIX CONTACT
Part # 1513402
Download  1513402 Download
File Size   518.02 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P-M 8SIFR-2L/.../... - Sensor/actuator cable

1513402 Datasheet (PDF)

Go To PDF Page Download Datasheet
1513402 Datasheet PDF - PHOENIX CONTACT

Part # 1513402
Download  1513402 Click to download

File Size   518.02 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P-M 8SIFR-2L/.../... - Sensor/actuator cable

1513402 Datasheet (HTML) - PHOENIX CONTACT


1513402 Product details

Sensor/actuator cable, 3-position, free cable end, on Socket angled M8 Snap-in, coding: A, with
2 LEDs, cable length: Free input (0.2 ... 40.0 m)

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Save time, thanks to installation with snap-in fast locking system
• Flexible solutions - configurable materials with variable cable types and cable lengths
• Convenient: increased machine availability thanks to quick and easy diagnostics




Similar Part No. - 1513402

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
1513402 TURCK-1513402 Datasheet
400Kb / 3P
Inductive Sensor – With Increased Temperature Range
11/07/2023
logo
Molex Electronics Ltd.
151340200 MOLEX-151340200 Datasheet
151Kb / 1P
Picoblade 2 Circuit 150MM
2016/07/28
151340200 MOLEX-151340200 Datasheet
151Kb / 1P
Picoblade 2 Circuit 450MM
2016/07/28
151340201 MOLEX-151340201 Datasheet
151Kb / 1P
Picoblade 2 Circuit 150MM
2016/07/28
151340201 MOLEX-151340201 Datasheet
151Kb / 1P
Picoblade 2 Circuit 450MM
2016/07/28
More results


Similar Description - 1513402

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1406524 PHOENIX-1406524 Datasheet
127Kb / 10P
Sensor/actuator cable - SAC-3P-MS/ 3,0-600/M 8FR-2L FB
09/11/2020
1414561 PHOENIX-1414561 Datasheet
143Kb / 11P
Sensor/actuator cable - SAC-3P- 3,0-PVC/M12FS-2L
09/11/2020
1415875 PHOENIX-1415875 Datasheet
137Kb / 10P
Sensor/actuator cable - SAC-3P- 3,0-PVC/M 8FR-2L
09/11/2020
1505326 PHOENIX-1505326 Datasheet
108Kb / 8P
Sensor/actuator cable - SAC-3P- 5,0-PVC/M12FR-2L
09/11/2020
1508174 PHOENIX-1508174 Datasheet
148Kb / 12P
Sensor/actuator cable - SAC-3P- 5,0-PVC/M 8FR-2L
09/11/2020
1508459 PHOENIX-1508459 Datasheet
104Kb / 7P
Sensor/actuator cable - SAC-3P- 5,0-PVC/M12FS-2L
09/11/2020
1681994 PHOENIX-1681994 Datasheet
154Kb / 13P
Sensor/actuator cable - SAC-3P-M 8MS/0,6-PUR/M 8FR-2L
09/11/2020
1683594 PHOENIX-1683594 Datasheet
152Kb / 13P
Sensor/actuator cable - SAC-3P-10,0-PUR/M 8FR-2L
09/11/2020
1693403 PHOENIX-1693403 Datasheet
157Kb / 12P
Sensor/actuator cable - SAC-3P-M 8MS/ 3,0-PUR/M12FR-2L
09/11/2020
1694402 PHOENIX-1694402 Datasheet
137Kb / 11P
Sensor/actuator cable - SAC-3P- 3,0-PUR/M12FR-2L
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com