Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1513402 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 1513402
Description  SAC-3P-M 8SIFR-2L/.../... - Sensor/actuator cable
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1513402 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  1513402 Datasheet HTML 1Page - PHOENIX CONTACT 1513402 Datasheet HTML 2Page - PHOENIX CONTACT 1513402 Datasheet HTML 3Page - PHOENIX CONTACT 1513402 Datasheet HTML 4Page - PHOENIX CONTACT 1513402 Datasheet HTML 5Page - PHOENIX CONTACT 1513402 Datasheet HTML 6Page - PHOENIX CONTACT 1513402 Datasheet HTML 7Page - PHOENIX CONTACT 1513402 Datasheet HTML 8Page - PHOENIX CONTACT 1513402 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Low adhesion
-40 °C ... 80 °C (cable, fixed installation)
Ambient temperature (operation)
-25 °C ... 80 °C (Cable, flexible installation)
PUR halogen-free orange [180]
Cable weight
24 kg/km
UL AWM Style
20549
Number of positions
3
Shielded
no
PUR halogen-free orange [180]
Cable type
PUR halogen-free orange 180
Conductor structure signal line
32x 0.10 mm
AWG signal line
24
Conductor cross section
3x 0.25 mm² (Signal line)
Wire diameter incl. insulation
1.17 mm ±0.02 mm (Signal line)
External cable diameter
4.40 mm ±0.15 mm
Outer sheath, material
PUR
External sheath, color
orange RAL 2003
Conductor material
Bare Cu litz wires
Material wire insulation
PP
Single wire, color
brown, blue, black
≥ 0.21 mm (Core insulation)
Thickness, insulation
approx. 0.90 mm (Outer cable sheath)
Overall twist
3 wires, twisted
Max. conductor resistance
max. 78 Ω/km (at 20 °C)
Insulation resistance
≥ 10 GΩ*km (at 20 °C)
Nominal voltage, cable
≤ 300 V
Test voltage
≥ 3000 V
Smallest bending radius, fixed installation
22 mm
Smallest bending radius, movable installation
44 mm
Max. bending cycles
4000000
Halogen-free
in accordance with DIN VDE 0472 part 815
in accordance with DIN UL-Style 20549
Flame resistance
in accordance with UL 758/1581 FT2
Resistance to oil
in accordance with DIN EN 60811-2-1
hydrolysis and microbe resistant
Other resistance
Resistant to salt water
-40 °C ... 80 °C (cable, fixed installation)
Ambient temperature (operation)
-25 °C ... 80 °C (Cable, flexible installation)
PUR halogen-free gray [280]
Cable weight
18 kg/km
UL AWM Style
20549 / 10493 (80°C/300 V)
Number of positions
3
Shielded
no
SAC-3P-M 8SIFR-2L/.../... - Sensor/actuator cable
1513402
https://www.phoenixcontact.com/us/products/1513402
May 28, 2024, 1:27 AM
Page 5 (19)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com