Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1513402 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1513402
Description  SAC-3P-M 8SIFR-2L/.../... - Sensor/actuator cable
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1513402 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1513402 Datasheet HTML 1Page - PHOENIX CONTACT 1513402 Datasheet HTML 2Page - PHOENIX CONTACT 1513402 Datasheet HTML 3Page - PHOENIX CONTACT 1513402 Datasheet HTML 4Page - PHOENIX CONTACT 1513402 Datasheet HTML 5Page - PHOENIX CONTACT 1513402 Datasheet HTML 6Page - PHOENIX CONTACT 1513402 Datasheet HTML 7Page - PHOENIX CONTACT 1513402 Datasheet HTML 8Page - PHOENIX CONTACT 1513402 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Number of positions
3
Locking type
Snap-in
Coding type
A
Cable/line
Cable length
Free input (0.2 ... 40.0 m)
PUR halogen-free black [PUR]
Cable weight
18 kg/km
UL AWM Style
20549 / 10493 (80°C/300 V)
Number of positions
3
Shielded
no
PUR halogen-free black [PUR]
Cable type
PUR halogen-free black PUR
Conductor structure signal line
32x 0.10 mm
AWG signal line
24
Conductor cross section
3x 0.25 mm² (Signal line)
Wire diameter incl. insulation
1.17 mm ±0.02 mm
External cable diameter
3.60 mm ±0.15 mm
Outer sheath, material
PUR
External sheath, color
black-gray RAL 7021
Conductor material
Bare Cu litz wires
Material wire insulation
PP
Single wire, color
brown, blue, black
Thickness, insulation
≥ 0.21 mm (Core insulation)
Thickness, outer sheath
approx. 0.50 mm
Overall twist
3 wires, twisted
Length of twist, overall twist
40 mm
Max. conductor resistance
≤ 78 Ω/km (at 20 °C)
Insulation resistance
≥ 100 GΩ*km (at 20 °C)
Nominal voltage, cable
≤ 300 V
Test voltage
≥ 3000 V
Smallest bending radius, fixed installation
18 mm
Smallest bending radius, movable installation
36 mm
Max. bending cycles
10000000
Halogen-free
in accordance with DIN VDE 0472 part 815
in accordance with UL 758/1581 FT2
Flame resistance
DIN EN 60332-2-2 (20 s)
Resistance to oil
in accordance with DIN EN 60811-2-1
hydrolysis and microbe resistant
Highly resistant to acids, alkaline solutions and solvents
Resistant to salt water
Other resistance
partly UV-resistant (in accordance with DIN EN ISO 4892-2-A)
Flexible cable conduit capable
SAC-3P-M 8SIFR-2L/.../... - Sensor/actuator cable
1513402
https://www.phoenixcontact.com/us/products/1513402
May 28, 2024, 1:27 AM
Page 3 (19)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com