Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1513402 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1513402
Description  SAC-3P-M 8SIFR-2L/.../... - Sensor/actuator cable
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1513402 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1513402 Datasheet HTML 1Page - PHOENIX CONTACT 1513402 Datasheet HTML 2Page - PHOENIX CONTACT 1513402 Datasheet HTML 3Page - PHOENIX CONTACT 1513402 Datasheet HTML 4Page - PHOENIX CONTACT 1513402 Datasheet HTML 5Page - PHOENIX CONTACT 1513402 Datasheet HTML 6Page - PHOENIX CONTACT 1513402 Datasheet HTML 7Page - PHOENIX CONTACT 1513402 Datasheet HTML 8Page - PHOENIX CONTACT 1513402 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Sensor/actuator cable, 3-position, free cable end, on Socket angled M8 Snap-in, coding: A, with
2 LEDs, cable length: Free input (0.2 ... 40.0 m)
Your advantages
Easy and safe: 100 % electrically tested plug-in components
•
Save time, thanks to installation with snap-in fast locking system
•
Flexible solutions - configurable materials with variable cable types and cable lengths
•
Convenient: increased machine availability thanks to quick and easy diagnostics
•
Commercial data
Item number
1513402
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Sales key
BF17
Product key
BF1BBA
Catalog page
Page 186 (C-2-2019)
Weight per piece (including packing)
286 g
Weight per piece (excluding packing)
286 g
Customs tariff number
85444290
Country of origin
PL
SAC-3P-M 8SIFR-2L/.../... - Sensor/actuator cable
1513402
https://www.phoenixcontact.com/us/products/1513402
May 28, 2024, 1:27 AM
Page 1 (19)


Similar Part No. - 1513402

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
1513402 TURCK-1513402 Datasheet
400Kb / 3P
Inductive Sensor – With Increased Temperature Range
11/07/2023
logo
Molex Electronics Ltd.
151340200 MOLEX-151340200 Datasheet
151Kb / 1P
Picoblade 2 Circuit 150MM
2016/07/28
151340200 MOLEX-151340200 Datasheet
151Kb / 1P
Picoblade 2 Circuit 450MM
2016/07/28
151340201 MOLEX-151340201 Datasheet
151Kb / 1P
Picoblade 2 Circuit 150MM
2016/07/28
151340201 MOLEX-151340201 Datasheet
151Kb / 1P
Picoblade 2 Circuit 450MM
2016/07/28
More results

Similar Description - 1513402

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1406524 PHOENIX-1406524 Datasheet
127Kb / 10P
Sensor/actuator cable - SAC-3P-MS/ 3,0-600/M 8FR-2L FB
09/11/2020
1414561 PHOENIX-1414561 Datasheet
143Kb / 11P
Sensor/actuator cable - SAC-3P- 3,0-PVC/M12FS-2L
09/11/2020
1415875 PHOENIX-1415875 Datasheet
137Kb / 10P
Sensor/actuator cable - SAC-3P- 3,0-PVC/M 8FR-2L
09/11/2020
1505326 PHOENIX-1505326 Datasheet
108Kb / 8P
Sensor/actuator cable - SAC-3P- 5,0-PVC/M12FR-2L
09/11/2020
1508174 PHOENIX-1508174 Datasheet
148Kb / 12P
Sensor/actuator cable - SAC-3P- 5,0-PVC/M 8FR-2L
09/11/2020
1508459 PHOENIX-1508459 Datasheet
104Kb / 7P
Sensor/actuator cable - SAC-3P- 5,0-PVC/M12FS-2L
09/11/2020
1681994 PHOENIX-1681994 Datasheet
154Kb / 13P
Sensor/actuator cable - SAC-3P-M 8MS/0,6-PUR/M 8FR-2L
09/11/2020
1683594 PHOENIX-1683594 Datasheet
152Kb / 13P
Sensor/actuator cable - SAC-3P-10,0-PUR/M 8FR-2L
09/11/2020
1693403 PHOENIX-1693403 Datasheet
157Kb / 12P
Sensor/actuator cable - SAC-3P-M 8MS/ 3,0-PUR/M12FR-2L
09/11/2020
1694402 PHOENIX-1694402 Datasheet
137Kb / 11P
Sensor/actuator cable - SAC-3P- 3,0-PUR/M12FR-2L
09/11/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com