Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASC7531B Datasheet (PDF) - List of Unclassifed Manufacturers

ASC7531B Datasheet PDF - List of Unclassifed Manufacturers
Part # ASC7531B
Download  ASC7531B Download
File Size   308.45 Kbytes
Page   18 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description LOW-VOLTAGE 1-WIRE DIGITAL TEMPERATURE SENSOR AND VOLTAGE MONITOR

ASC7531B Datasheet (PDF)

Go To PDF Page Download Datasheet
ASC7531B Datasheet PDF - List of Unclassifed Manufacturers

Part # ASC7531B
Download  ASC7531B Click to download

File Size   308.45 Kbytes
Page   18 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description LOW-VOLTAGE 1-WIRE DIGITAL TEMPERATURE SENSOR AND VOLTAGE MONITOR

ASC7531B Datasheet (HTML) - List of Unclassifed Manufacturers


ASC7531B Product details

[ANDIGILOG]

Product Description
The aSC7531 is a high-precision CMOS temperature sensor and voltage monitor with Simple Serial Transport (SST) compatible serial digital interface, intended for use in PC hardware monitor applications.

Features
• On-chip and remote temperature sensors
• Accuracy:
    o +/- 3°C over operational range
    o Internal +/- 2°C over 40°C to 70°C
    o Remote +/- 1°C over 50°C to 70°C
• Operational Range: -40°C to 125°C
• Temperature resolution: 0.125°C
• Voltage monitoring of 12V, 5V, 3.3V, 2.5V and Vccp to +/- 2% accuracy, 7.8mV resolution
• 1-wire SST serial interface
• Negotiable SST signaling rate up to 2-Mbps
• Internally corrected for diode non-ideality and series resistance
• 3-state address pin sets one of 3 SST bus address 0x48 through 0x4A
• 10-lead MSOP package
• MSL-1 per JEDEC J-STD-020C
• Pb-free Matte Sn lead finish & RoHS Compliant Packages

Applications
    Desktop and Notebook Computers




Similar Part No. - ASC7531B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASC7511 ETC2-ASC7511 Datasheet
434Kb / 19P
LOW- OLTAGE 2-WIRE DIGITAL TEMPERATURE SENSOR
ASC7511D8 ETC2-ASC7511D8 Datasheet
434Kb / 19P
LOW- OLTAGE 2-WIRE DIGITAL TEMPERATURE SENSOR
ASC7511M8 ETC2-ASC7511M8 Datasheet
434Kb / 19P
LOW- OLTAGE 2-WIRE DIGITAL TEMPERATURE SENSOR
ASC7512 ETC2-ASC7512 Datasheet
343Kb / 35P
DIGITAL TEMPERATURE SENSOR WITH INTEGRATED FAN CONTROL
ASC7512D8 ETC2-ASC7512D8 Datasheet
343Kb / 35P
DIGITAL TEMPERATURE SENSOR WITH INTEGRATED FAN CONTROL
More results


Similar Description - ASC7531B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM75 ONSEMI-LM75 Datasheet
150Kb / 12P
2-Wire Serial Temperature Sensor and Monitor
February, 2000 ??Rev. 0
logo
Fairchild Semiconductor
FM75 FAIRCHILD-FM75 Datasheet
532Kb / 15P
Low Voltage 2-Wire Digital Temperature Sensor with Thermal Alarm
logo
NXP Semiconductors
NE1619 PHILIPS-NE1619 Datasheet
167Kb / 2P
Temperature and voltage monitor
August 2008
logo
Analog Devices
ADT7485A AD-ADT7485A Datasheet
404Kb / 16P
SST Digital Temperature Sensor and Voltage Monitor
7/06-Revision 0
ADT7488A AD-ADT7488A Datasheet
470Kb / 16P
SST Digital Temperature Sensor and Voltage Monitor
9/06-Revision 0
logo
Fairchild Semiconductor
FM75 FAIRCHILD-FM75_06 Datasheet
359Kb / 16P
Low-Voltage Two-Wire Digital Temperature Sensor with Thermal Alarm
logo
List of Unclassifed Man...
ASC7521A ETC2-ASC7521A Datasheet
276Kb / 18P
LOW- OLTAGE 1-WIRE DIGITAL TEMPERATURE SENSOR
logo
ON Semiconductor
ADT7488A ONSEMI-ADT7488A Datasheet
344Kb / 12P
SST Digital Temperature Sensor and Voltage Monitor
December, 2009 ??Rev. 4
logo
Linear Technology
LTC2990CMS LINER-LTC2990CMS Datasheet
60Kb / 1P
TEMPERATURE, VOLTAGE AND CURRENT MONITOR
LTC2995 LINER-LTC2995 Datasheet
229Kb / 20P
Temperature Sensor and Dual Voltage Monitor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com