Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCE40ED120VT Datasheet (PDF) - Wuxi NCE Power Semiconductor Co., Ltd

NCE40ED120VT Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd
Part # NCE40ED120VT
Download  NCE40ED120VT Download
File Size   1194.28 Kbytes
Page   9 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description 1200V 40A Trench FS Gen.7 IGBT

NCE40ED120VT Datasheet (PDF)

Go To PDF Page Download Datasheet
NCE40ED120VT Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE40ED120VT
Download  NCE40ED120VT Click to download

File Size   1194.28 Kbytes
Page   9 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description 1200V 40A Trench FS Gen.7 IGBT

NCE40ED120VT Datasheet (HTML) - Wuxi NCE Power Semiconductor Co., Ltd


NCE40ED120VT Product details

General Description
Using NCE's proprietary high density trench gate design and advanced FS
(Field Stop) Gen.7 technology, the 650V Trench FS Gen.7 IGBT offers superior
conduction and switching performances, and easy parallel operation;

Features
 Trench Field Stop Gen.7 Technology Offering
 Low saturation voltage: VCEsat = 1.65V(Typ.) @ IC = 40A
 High speed switching,low switching losses
 Maximum junction temperature Tvjmax = 175°C
 Tighten parameter distribution
 High ruggedness, temperature stable behavior
 Pb-free lead plating; RoHS compliant

Application
 PV power
 Three-level Solar String Inverter
 UPS




Similar Part No. - NCE40ED120VT

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE40ED65VT NCEPOWER-NCE40ED65VT Datasheet
1Mb / 9P
650V 40A Trench FS Gen.7 IGBT
preview
More results


Similar Description - NCE40ED120VT

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBI40N-120 FUJI-7MBI40N-120 Datasheet
198Kb / 8P
IGBT(1200V/40A)
logo
Shenzhen Huazhimei Semi...
HMG40N60T HMSEMI-HMG40N60T Datasheet
1Mb / 6P
600V, 40A, Trench FS II IGBT
logo
Rohm
RGS80TSX2 ROHM-RGS80TSX2 Datasheet
926Kb / 10P
1200V 40A Field Stop Trench IGBT
RGS80TSX2D ROHM-RGS80TSX2D Datasheet
1Mb / 13P
1200V 40A Field Stop Trench IGBT
logo
MacMic
MM40G3T120B MACMIC-MM40G3T120B Datasheet
290Kb / 5P
1200V 40A IGBT
MM40G3U120B MACMIC-MM40G3U120B Datasheet
626Kb / 5P
1200V 40A IGBT
logo
Micro Commercial Compon...
MIW40N120 MCC-MIW40N120 Datasheet
2Mb / 6P
Trench and Field Stop IGBT 1200V 40A
Rev.3-1-05072020
MIW40N120FLA MCC-MIW40N120FLA Datasheet
4Mb / 7P
Trench and Field Stop IGBT 1200V 40A
Rev.3-1-02202022
logo
Rohm
RGS80TSX2DHR ROHM-RGS80TSX2DHR Datasheet
1Mb / 13P
1200V 40A Field Stop Trench IGBT
2020.09 - Rev.C
RGS80TSX2HR ROHM-RGS80TSX2HR Datasheet
902Kb / 10P
1200V 40A Field Stop Trench IGBT
2020.06 - Rev.B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com