Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1002AS Datasheet (PDF) - Monolithic Power Systems

1002AS Datasheet PDF - Monolithic Power Systems
Part # 1002AS
Download  1002AS Download
File Size   298.01 Kbytes
Page   8 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Dual 1.2MHz, 800mA Synchronous Step-Down Converter

1002AS Datasheet (PDF)

Go To PDF Page Download Datasheet
1002AS Datasheet PDF - Monolithic Power Systems

Part # 1002AS
Download  1002AS Click to download

File Size   298.01 Kbytes
Page   8 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Dual 1.2MHz, 800mA Synchronous Step-Down Converter

1002AS Datasheet (HTML) - Monolithic Power Systems


1002AS Product details

DESCRIPTION
The MP2109 contains two independent 1.2MHz constant frequency, current mode, PWM step-down converters. Each converter integrates a main switch and a synchronous rectifier for high efficiency without an external Schottky diode. The MP2109 is ideal for powering portable equipment that runs from a single cell Lithium-Ion (Li+) battery. Each converter can supply 800mA of load current from a 2.5V to 6V input voltage. The output voltage can be regulated as low as 0.6V. The MP2109 can also run at 100% duty cycle for low dropout applications.

FEATURES
• Up to 95% Efficiency
• 1.2MHz Constant Switching Frequency
• 800mA Load Current on Each Channel
• 2.5V to 6V Input Voltage Range
• Output Voltage as Low as 0.6V
• 100% Duty Cycle in Dropout
• Current Mode Control
• Short Circuit Protection
• Thermal Fault Protection
• <0.1µA Shutdown Current
• Internally Compensated
• Space Saving 10-Pin QFN Package

APPLICATIONS
• Cellular and Smart Phones
• Microprocessors and DSP Core Supplies
• PDAs
• MP3 Players
• Digital Still and Video Cameras
• Portable Instruments




Similar Part No. - 1002AS

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
1002AS-100M TOKO-1002AS-100M Datasheet
99Kb / 1P
Fixed Inductors for Cellular Phone
1002AS-101M TOKO-1002AS-101M Datasheet
99Kb / 1P
Fixed Inductors for Cellular Phone
1002AS-120M TOKO-1002AS-120M Datasheet
99Kb / 1P
Fixed Inductors for Cellular Phone
1002AS-150M TOKO-1002AS-150M Datasheet
99Kb / 1P
Fixed Inductors for Cellular Phone
1002AS-220M TOKO-1002AS-220M Datasheet
99Kb / 1P
Fixed Inductors for Cellular Phone
More results


Similar Description - 1002AS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2109DQ-00A MPS-EV2109DQ-00A Datasheet
217Kb / 4P
Dual 800mA, 6V, 1.2MHz Synchronous Step-Down Converter Evaluation Board
MP2105 MPS-MP2105 Datasheet
270Kb / 8P
1MHz, 800mA Synchronous Step-Down Converter
MP2105 MPS-MP2105_06 Datasheet
285Kb / 8P
1MHz, 800mA Synchronous Step-Down Converter
MP2109 MPS-MP2109_06 Datasheet
313Kb / 8P
Dual 1.2MHz, 800mA Synchronous Step-Down Converter
logo
Eutech Microelectronics...
EUP3409 EUTECH-EUP3409 Datasheet
765Kb / 10P
Dual 1.5MHz, 800mA Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT2652 RICHTEK-RT2652 Datasheet
205Kb / 12P
2A, 1.2MHz Synchronous Step-Down Converter
RT8035 RICHTEK-RT8035 Datasheet
223Kb / 11P
Dual 800mA, 1.25MHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2125 MPS-MP2125 Datasheet
295Kb / 10P
Dual 1.5A, 1.2MHz Synchronous Step-Down Converter
logo
List of Unclassifed Man...
APS2415 ETC-APS2415 Datasheet
545Kb / 8P
1.2MHz, 1.5A Synchronous Step-Down Converter
V0.0
logo
Unisonic Technologies
UD05201 UTC-UD05201 Datasheet
366Kb / 5P
1.2MHZ, 2A SYNCHRONOUS STEP-DOWN CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com