Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1002AS Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # 1002AS
Description  Dual 1.2MHz, 800mA Synchronous Step-Down Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

1002AS Datasheet(HTML) 4 Page - Monolithic Power Systems

  1002AS Datasheet HTML 1Page - Monolithic Power Systems 1002AS Datasheet HTML 2Page - Monolithic Power Systems 1002AS Datasheet HTML 3Page - Monolithic Power Systems 1002AS Datasheet HTML 4Page - Monolithic Power Systems 1002AS Datasheet HTML 5Page - Monolithic Power Systems 1002AS Datasheet HTML 6Page - Monolithic Power Systems 1002AS Datasheet HTML 7Page - Monolithic Power Systems 1002AS Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MP2109 – DUAL 1.2MHz 800mA SYNCHRONOUS STEP-DOWN CONVERTER
MP2109 Rev.1.3
www.MonolithicPower.com
4
2/21/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
PIN FUNCTIONS
Pin #
Name Description
1
EN1
Channel 1 Enable Control Input. Drive EN1 above 1.5V to turn on the Channel 1. Drive EN1
below 0.3V to turn it off (shutdown current < 0.1µA).
2
FB1
Channel 1 Feedback Input. Connect FB1 to the center point of the external resistor divider. The
feedback voltage is 0.6V.
3
IN2
Channel 2 Supply Input. Bypass to GND with a 2.2µF or greater ceramic capacitor.
4
GND2 Ground 2.
5
SW2
Channel 2 Power Switch Output. Inductor connection to drains of the internal PFET and NFET
switches.
6
EN2
Channel 2 Enable Control Input. Drive EN2 above 1.5V to turn on the Channel 2. Drive EN2
below 0.3V to turn it off (shutdown current < 0.1µA).
7
FB2
Channel 2 Feedback Input. Connect FB2 to the center point of the external resistor divider. The
feedback voltage is 0.6V.
8
IN1
Channel 1 Supply Input. Bypass to GND with a 2.2µF or greater ceramic capacitor.
9
GND1 Ground 1.
10
SW1
Channel 1 Power Switch Output. Inductor connection to drains of the internal PFET and NFET
switches.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com