Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1002AS Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # 1002AS
Description  Dual 1.2MHz, 800mA Synchronous Step-Down Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

1002AS Datasheet(HTML) 3 Page - Monolithic Power Systems

  1002AS Datasheet HTML 1Page - Monolithic Power Systems 1002AS Datasheet HTML 2Page - Monolithic Power Systems 1002AS Datasheet HTML 3Page - Monolithic Power Systems 1002AS Datasheet HTML 4Page - Monolithic Power Systems 1002AS Datasheet HTML 5Page - Monolithic Power Systems 1002AS Datasheet HTML 6Page - Monolithic Power Systems 1002AS Datasheet HTML 7Page - Monolithic Power Systems 1002AS Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MP2109 – DUAL 1.2MHz 800mA SYNCHRONOUS STEP-DOWN CONVERTER
MP2109 Rev.1.3
www.MonolithicPower.com
3
2/21/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
TYPICAL PERFORMANCE CHARACTERISTICS
VIN1/IN2 = 3.3V, VOUT1 = 1.8V, VOUT2 = 1.2V, L1/2 = 4.7µH, CIN1/IN2 = 4.7µF, COUT1/OUT2 = 10µF, TA = +25°C,
unless otherwise noted.
MP2109-TPC07
Short Circuit Protection
(No Load)
MP2109-TPC08
Short Circuit Recovery
(No Load)
MP2109-TPC06
Startup from Shutdown
VOUT
1V/div
IL
0.5A/div
VOUT
1V/div
IL
0.5A/div
VEN
2V/div
VOUT
1V/div
IL
0.5A/div
400ns/div
MP2109-TPC03
Load Transient
(IOUT=0mA to 500mA Step)
Medium Load Operation
(IOUT=400mA)
MP2109-TPC04
VOUT AC
100mV/div.
ILOAD
0.5A/div.
IL
0.5A/div.
VSW
2V/div.
VOUT AC
20mV/div.
IL
200mA/div.
VSW
2V/div.
VOUT AC
20mV/div.
IL
500mA/div.
400ns/div
MP2109-TPC05
Heavy Load Operation
(IOUT=800mA)
0.606
0.604
0.602
0.600
0.598
0.596
0.594
-40
+20
0
-20
+40 +60 +80 +100
TEMPERATURE (
°C)
MP2109-TPC02
Feedback Voltage vs
Temperature
100
90
80
70
60
50
0.0
0.4
0.2
0.6
0.8
LOAD CURRENT (A)
MP2109-TPC01
Efficiency vs
Load Current
VOUT1=1.8V
VOUT2=1.2V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com