Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1002AS Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # 1002AS
Description  Dual 1.2MHz, 800mA Synchronous Step-Down Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

1002AS Datasheet(HTML) 1 Page - Monolithic Power Systems

  1002AS Datasheet HTML 1Page - Monolithic Power Systems 1002AS Datasheet HTML 2Page - Monolithic Power Systems 1002AS Datasheet HTML 3Page - Monolithic Power Systems 1002AS Datasheet HTML 4Page - Monolithic Power Systems 1002AS Datasheet HTML 5Page - Monolithic Power Systems 1002AS Datasheet HTML 6Page - Monolithic Power Systems 1002AS Datasheet HTML 7Page - Monolithic Power Systems 1002AS Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MP2109
Dual 1.2MHz, 800mA Synchronous
Step-Down Converter
MP2109 Rev.1.3
www.MonolithicPower.com
1
2/21/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
The Future of Analog IC Technology
TM
TM
DESCRIPTION
The MP2109 contains two independent 1.2MHz
constant
frequency,
current
mode,
PWM
step-down
converters.
Each
converter
integrates a main switch and a synchronous
rectifier for high efficiency without an external
Schottky diode. The MP2109 is ideal for
powering portable equipment that runs from a
single cell Lithium-Ion (Li+) battery. Each
converter can supply 800mA of load current
from a 2.5V to 6V input voltage. The output
voltage can be regulated as low as 0.6V. The
MP2109 can also run at 100% duty cycle for
low dropout applications.
EVALUATION BOARD REFERENCE
Board Number
Dimensions
EV2109DQ-00A
1.5”X x 1.0”Y x 0.5”Z
FEATURES
• Up to 95% Efficiency
• 1.2MHz Constant Switching Frequency
• 800mA Load Current on Each Channel
• 2.5V to 6V Input Voltage Range
• Output Voltage as Low as 0.6V
• 100% Duty Cycle in Dropout
• Current Mode Control
• Short Circuit Protection
• Thermal Fault Protection
• <0.1µA Shutdown Current
• Internally Compensated
• Space Saving 10-Pin QFN Package
APPLICATIONS
• Cellular and Smart Phones
• Microprocessors and DSP Core Supplies
• PDAs
• MP3 Players
• Digital Still and Video Cameras
• Portable Instruments
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
MP2109
IN2
IN1
3
8
4
9
GND2
GND1
FB2
SW2
EN2
7
5
6
2
10
1
FB1
SW1
EN1
VIN1/IN2
2.5V to 6V
OFF ON
OFF ON
VOUT2
1.2V
800mA
VOUT1
1.8V
800mA
MP2109_S01
100
95
90
85
80
75
70
65
60
55
50
0
500
1000
LOAD CURRENT (mA)
MP2109_EC01
VOUT=3.3V


Similar Part No. - 1002AS

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
1002AS-100M TOKO-1002AS-100M Datasheet
99Kb / 1P
Fixed Inductors for Cellular Phone
1002AS-101M TOKO-1002AS-101M Datasheet
99Kb / 1P
Fixed Inductors for Cellular Phone
1002AS-120M TOKO-1002AS-120M Datasheet
99Kb / 1P
Fixed Inductors for Cellular Phone
1002AS-150M TOKO-1002AS-150M Datasheet
99Kb / 1P
Fixed Inductors for Cellular Phone
1002AS-220M TOKO-1002AS-220M Datasheet
99Kb / 1P
Fixed Inductors for Cellular Phone
More results

Similar Description - 1002AS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2109DQ-00A MPS-EV2109DQ-00A Datasheet
217Kb / 4P
Dual 800mA, 6V, 1.2MHz Synchronous Step-Down Converter Evaluation Board
MP2105 MPS-MP2105 Datasheet
270Kb / 8P
1MHz, 800mA Synchronous Step-Down Converter
MP2105 MPS-MP2105_06 Datasheet
285Kb / 8P
1MHz, 800mA Synchronous Step-Down Converter
MP2109 MPS-MP2109_06 Datasheet
313Kb / 8P
Dual 1.2MHz, 800mA Synchronous Step-Down Converter
logo
Eutech Microelectronics...
EUP3409 EUTECH-EUP3409 Datasheet
765Kb / 10P
Dual 1.5MHz, 800mA Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT2652 RICHTEK-RT2652 Datasheet
205Kb / 12P
2A, 1.2MHz Synchronous Step-Down Converter
RT8035 RICHTEK-RT8035 Datasheet
223Kb / 11P
Dual 800mA, 1.25MHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2125 MPS-MP2125 Datasheet
295Kb / 10P
Dual 1.5A, 1.2MHz Synchronous Step-Down Converter
logo
List of Unclassifed Man...
APS2415 ETC-APS2415 Datasheet
545Kb / 8P
1.2MHz, 1.5A Synchronous Step-Down Converter
V0.0
logo
Unisonic Technologies
UD05201 UTC-UD05201 Datasheet
366Kb / 5P
1.2MHZ, 2A SYNCHRONOUS STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com