Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6127 Datasheet (PDF) - Sipex Corporation

SP6127 Datasheet PDF - Sipex Corporation
Part # SP6127
Download  SP6127 Download
File Size   565.17 Kbytes
Page   12 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description High-Voltage, Step-Down Controller in TSOT6

SP6127 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP6127 Datasheet PDF - Sipex Corporation

Part # SP6127
Download  SP6127 Click to download

File Size   565.17 Kbytes
Page   12 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description High-Voltage, Step-Down Controller in TSOT6

SP6127 Datasheet (HTML) - Sipex Corporation


SP6127 Product details

DESCRIPTION
The SP6127 is a PWM controlled step down (buck) voltage mode regulator with VIN feedforward and internal Type-II compensation. It operates from 4.5V to 29V VIN, making it suitable for 5V, 12V and 24V applications. By using a PMOS driver, this device is capable of operating at 100% duty cycle. The highside driver is designed to drive the gate 5V below VIN. The programmable overcurrent protection is based on the high-side MOSFET’s ON resistance sensing and allows setting the overcurrent protection value up to 300mV threshold (measured between VIN-LX). The SP6127 is available in a space-saving 6-pin TSOT package making it the smallest controller available capable of operating from 24VDC supplies.

FEATURES
■ Wide 4.5V – 29V Input Voltage Range
■ Internal compensation
■ Built-in High-Current PMOS Driver
■ Adjustable Overcurrent Protection
■ Internal soft start
■ 900kHz Constant Frequency Operation
■ 0.6V Reference Voltage
■ 1% output setpoint accuracy
■ Lead Free, RoHS Compliant Package: Small 6-pin TSOT




Similar Part No. - SP6127

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6127 SIPEX-SP6127 Datasheet
351Kb / 8P
Evaluation Board Manual
logo
Exar Corporation
SP6127 EXAR-SP6127 Datasheet
339Kb / 12P
High-Voltage, Step-Down Controller in TSOT6
logo
Sipex Corporation
SP6127EB SIPEX-SP6127EB Datasheet
351Kb / 8P
Evaluation Board Manual
SP6127EK1 SIPEX-SP6127EK1 Datasheet
351Kb / 8P
Evaluation Board Manual
logo
Exar Corporation
SP6127EK1-L EXAR-SP6127EK1-L Datasheet
339Kb / 12P
High-Voltage, Step-Down Controller in TSOT6
More results


Similar Description - SP6127

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1744 MAXIM-MAX1744 Datasheet
256Kb / 14P
High-Voltage, Step-Down DC-DC Controller in uMAX
Rev 1; 10/01
logo
Sipex Corporation
SP6126 SIPEX-SP6126 Datasheet
464Kb / 14P
High-Voltage, Step Down Controller in TSOT6
SP6125 SIPEX-SP6125 Datasheet
524Kb / 12P
High-Voltage, Step Down Controller in TSOT6
SP6126 SIPEX-SP6126_07 Datasheet
464Kb / 14P
High-Voltage, Step Down Controller in TSOT6
logo
Exar Corporation
SP6125 EXAR-SP6125 Datasheet
333Kb / 12P
High-Voltage, Step Down Controller in TSOT6
SP6126 EXAR-SP6126 Datasheet
1Mb / 14P
High-Voltage, Step Down Controller in TSOT6
SP6127 EXAR-SP6127 Datasheet
339Kb / 12P
High-Voltage, Step-Down Controller in TSOT6
logo
Linear Technology
RH3845MK LINER-RH3845MK_15 Datasheet
103Kb / 6P
High Voltage Synchronous Step-Down Controller
LT3800 LINER-LT3800_15 Datasheet
264Kb / 24P
High-Voltage Synchronous Current Mode Step-Down Controller
logo
Skyworks Solutions Inc.
AAT1185 SKYWORKS-AAT1185 Datasheet
3Mb / 16P
High Voltage Step-Down Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com