Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6127 Datasheet (PDF) - Exar Corporation

SP6127 Datasheet PDF - Exar Corporation
Part # SP6127
Download  SP6127 Download
File Size   339.79 Kbytes
Page   12 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description High-Voltage, Step-Down Controller in TSOT6

SP6127 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP6127 Datasheet PDF - Exar Corporation

Part # SP6127
Download  SP6127 Click to download

File Size   339.79 Kbytes
Page   12 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description High-Voltage, Step-Down Controller in TSOT6

SP6127 Datasheet (HTML) - Exar Corporation


SP6127 Product details

DESCRIPTION
The SP6127 is a PWM controlled step down (buck) voltage mode regulator with VIN feedforward and internal Type-II compensation. It operates from 4.5V to 29V VIN, making it suitable for 5V, 12V and 24V applications. By using a PMOS driver, this device is capable of operating at 100% duty cycle. The highside driver is designed to drive the gate 5V below VIN. The programmable overcurrent protection is based on the high-side MOSFET’s ON resistance sensing and allows setting the overcurrent protection value up to 300mV threshold (measured between VIN-LX). The SP6127 is available in a space-saving 6-pin TSOT package making it the smallest controller available capable of operating from 24VDC supplies.

FEATURES
■ Wide 4.5V – 29V Input Voltage Range
■ Internal compensation
■ Built-in High-Current PMOS Driver
■ Adjustable Overcurrent Protection
■ Internal soft start
■ 900kHz Constant Frequency Operation
■ 0.6V Reference Voltage
■ 1% output setpoint accuracy
■ Lead Free, RoHS Compliant Package: Small 6-pin TSOT




Similar Part No. - SP6127

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6127 SIPEX-SP6127 Datasheet
565Kb / 12P
High-Voltage, Step-Down Controller in TSOT6
SP6127 SIPEX-SP6127 Datasheet
351Kb / 8P
Evaluation Board Manual
SP6127EB SIPEX-SP6127EB Datasheet
351Kb / 8P
Evaluation Board Manual
SP6127EK1 SIPEX-SP6127EK1 Datasheet
351Kb / 8P
Evaluation Board Manual
SP6127EK1L SIPEX-SP6127EK1L Datasheet
565Kb / 12P
High-Voltage, Step-Down Controller in TSOT6
More results


Similar Description - SP6127

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1744 MAXIM-MAX1744 Datasheet
256Kb / 14P
High-Voltage, Step-Down DC-DC Controller in uMAX
Rev 1; 10/01
logo
Sipex Corporation
SP6126 SIPEX-SP6126 Datasheet
464Kb / 14P
High-Voltage, Step Down Controller in TSOT6
SP6125 SIPEX-SP6125 Datasheet
524Kb / 12P
High-Voltage, Step Down Controller in TSOT6
SP6126 SIPEX-SP6126_07 Datasheet
464Kb / 14P
High-Voltage, Step Down Controller in TSOT6
SP6127 SIPEX-SP6127 Datasheet
565Kb / 12P
High-Voltage, Step-Down Controller in TSOT6
logo
Exar Corporation
SP6125 EXAR-SP6125 Datasheet
333Kb / 12P
High-Voltage, Step Down Controller in TSOT6
SP6126 EXAR-SP6126 Datasheet
1Mb / 14P
High-Voltage, Step Down Controller in TSOT6
logo
Linear Technology
RH3845MK LINER-RH3845MK_15 Datasheet
103Kb / 6P
High Voltage Synchronous Step-Down Controller
LT3800 LINER-LT3800_15 Datasheet
264Kb / 24P
High-Voltage Synchronous Current Mode Step-Down Controller
logo
Skyworks Solutions Inc.
AAT1185 SKYWORKS-AAT1185 Datasheet
3Mb / 16P
High Voltage Step-Down Controller
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com