Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6126 Datasheet (PDF) - Exar Corporation

SP6126 Datasheet PDF - Exar Corporation
Part # SP6126
Download  SP6126 Download
File Size   1679.38 Kbytes
Page   14 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description High-Voltage, Step Down Controller in TSOT6

SP6126 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP6126 Datasheet PDF - Exar Corporation

Part # SP6126
Download  SP6126 Click to download

File Size   1679.38 Kbytes
Page   14 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description High-Voltage, Step Down Controller in TSOT6

SP6126 Datasheet (HTML) - Exar Corporation


SP6126 Product details

DESCRIPTION
The SP6126 is a PWM controlled step down (buck) voltage mode regulator with VIN feedforward and internal Type-II compensation. It operates from 4.5V to 29V making is suitable for 5V, 12V, and 24V applications. By using a PMOS driver, this device is capable of operating at 100% duty cycle. The high side driver is designed to drive the gate 5V below VIN. The programmable overcurrent protection is based on high-side MOSFET’s ON resistance sensing and allows setting the overcurrent protection value up to 300mV threshold (measured from VIN-LX). The SP6126 is available in a space-saving 6-pin TSOT package making it the smallest controller available capable of operating from 24VDC supplies.

FEATURES
■ Wide 4.5V – 29V Input Voltage Range
■ Internal Compensation
■ Built-in High Current PMOS Driver
■ Adjustable Overcurrent Protection
■ Internal soft-start
■ 600kHz Constant Frequency Operation
■ 0.6V Reference Voltage
■ 1% output setpoint accuracy
■ Lead Free, RoHS Compliant Package: Small 6-Pin TSOT




Similar Part No. - SP6126

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6126 SIPEX-SP6126 Datasheet
464Kb / 14P
High-Voltage, Step Down Controller in TSOT6
SP6126 SIPEX-SP6126 Datasheet
464Kb / 14P
High-Voltage, Step Down Controller in TSOT6
SP6126 SIPEX-SP6126 Datasheet
375Kb / 8P
Evaluation Board Manual
SP6126EB SIPEX-SP6126EB Datasheet
375Kb / 8P
Evaluation Board Manual
SP6126EK1 SIPEX-SP6126EK1 Datasheet
375Kb / 8P
Evaluation Board Manual
More results


Similar Description - SP6126

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1744 MAXIM-MAX1744 Datasheet
256Kb / 14P
High-Voltage, Step-Down DC-DC Controller in uMAX
Rev 1; 10/01
logo
Sipex Corporation
SP6126 SIPEX-SP6126 Datasheet
464Kb / 14P
High-Voltage, Step Down Controller in TSOT6
SP6125 SIPEX-SP6125 Datasheet
524Kb / 12P
High-Voltage, Step Down Controller in TSOT6
SP6126 SIPEX-SP6126_07 Datasheet
464Kb / 14P
High-Voltage, Step Down Controller in TSOT6
SP6127 SIPEX-SP6127 Datasheet
565Kb / 12P
High-Voltage, Step-Down Controller in TSOT6
logo
Exar Corporation
SP6125 EXAR-SP6125 Datasheet
333Kb / 12P
High-Voltage, Step Down Controller in TSOT6
SP6127 EXAR-SP6127 Datasheet
339Kb / 12P
High-Voltage, Step-Down Controller in TSOT6
logo
Linear Technology
RH3845MK LINER-RH3845MK_15 Datasheet
103Kb / 6P
High Voltage Synchronous Step-Down Controller
LT3800 LINER-LT3800_15 Datasheet
264Kb / 24P
High-Voltage Synchronous Current Mode Step-Down Controller
logo
Skyworks Solutions Inc.
AAT1185 SKYWORKS-AAT1185 Datasheet
3Mb / 16P
High Voltage Step-Down Controller
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com