Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7167 Datasheet (PDF) - NXP Semiconductors

SAA7167 Datasheet PDF - NXP Semiconductors
Part # SAA7167
Download  SAA7167 Download
File Size   144.27 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description YUV-to-RGB Digital-to-Analog Converter DAC

SAA7167 Datasheet (PDF)

Go To PDF Page Download Datasheet
SAA7167 Datasheet PDF - NXP Semiconductors

Part # SAA7167
Download  SAA7167 Click to download

File Size   144.27 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description YUV-to-RGB Digital-to-Analog Converter DAC

SAA7167 Datasheet (HTML) - NXP Semiconductors


SAA7167 Product details

GENERAL DESCRIPTION

The SAA7167 is a mixed-mode designed IC containing a video data path, keying control block, analog mixer, and a voltage output amplifier, capable of converting digital video data to analog RGB video, and then mixing video and external analog RGB inputs.



FEATURES

• On-chip mixing of digital video data and analog RGB signals

• Supports video input format of YUV 4:2:2, 4:1:1, 2:1:1 and RGB 5:6:5

• Video input rate up to 50 MHz

• Allows for both binary and two’s complement video input data

• Triple 8-bit DACs for video output

• Built-in voltage output amplifier

• Provide keying control with external key and internal 8-bit, 2×8-bit and 3×8-bit pixel colour key

• Programmable via the I2C-bus

• 5 V CMOS device; LQFP48 package.




Similar Part No. - SAA7167

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7160 NXP-SAA7160 Datasheet
246Kb / 57P
PCI Express based audio and video bridge
Rev. 01-25 February 2008
SAA7160E NXP-SAA7160E Datasheet
246Kb / 57P
PCI Express based audio and video bridge
Rev. 01-25 February 2008
SAA7160E NXP-SAA7160E Datasheet
246Kb / 57P
PCI Express based audio and video bridge
Rev. 01-25 February 2008
SAA7160ET NXP-SAA7160ET Datasheet
246Kb / 57P
PCI Express based audio and video bridge
Rev. 01-25 February 2008
SAA7160ET NXP-SAA7160ET Datasheet
246Kb / 57P
PCI Express based audio and video bridge
Rev. 01-25 February 2008
More results


Similar Description - SAA7167

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8753A PHILIPS-TDA8753A Datasheet
111Kb / 20P
YUV 8-bit analog-to-digital interface
1996 Jan 12
TDA8775 PHILIPS-TDA8775 Datasheet
134Kb / 16P
Triple 10-bit video Digital-to-Analog Converter DAC
1996 Aug 14
TDA8776A PHILIPS-TDA8776A Datasheet
150Kb / 20P
10-bit, 1000 Msps Digital-to-Analog Converter DAC
1996 Jun 04
UDA1321 PHILIPS-UDA1321 Datasheet
280Kb / 44P
Universal Serial Bus USB Digital-to-Analog Converter DAC
1998 Oct 06
logo
List of Unclassifed Man...
DAC210 ETC-DAC210 Datasheet
17Kb / 1P
Serial Digital to Analogue RGB/YUV
logo
NXP Semiconductors
TDF8771A PHILIPS-TDF8771A Datasheet
97Kb / 20P
Triple 8-bit video Digital-to-Analog Converter (DAC)
2003 Apr 29
logo
Texas Instruments
DAC5681 TI-DAC5681 Datasheet
1Mb / 47P
16-BIT, 1.0 GSPS DIGITAL-TO-ANALOG CONVERTER (DAC)
logo
NXP Semiconductors
SAF7167AHW NXP-SAF7167AHW Datasheet
120Kb / 21P
YUV-to-RGB digital-to-analog converter
Rev. 01-29 June 2004
logo
Texas Instruments
MSC1200 TI1-MSC1200_06 Datasheet
1Mb / 92P
Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
DAC5681 TI-DAC5681_15 Datasheet
1Mb / 48P
16-BIT, 1.0 GSPS Digital-to-Analog Converter (DAC)
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com