Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7167 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SAA7167
Description  YUV-to-RGB Digital-to-Analog Converter DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7167 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SAA7167 Datasheet HTML 5Page - NXP Semiconductors SAA7167 Datasheet HTML 6Page - NXP Semiconductors SAA7167 Datasheet HTML 7Page - NXP Semiconductors SAA7167 Datasheet HTML 8Page - NXP Semiconductors SAA7167 Datasheet HTML 9Page - NXP Semiconductors SAA7167 Datasheet HTML 10Page - NXP Semiconductors SAA7167 Datasheet HTML 11Page - NXP Semiconductors SAA7167 Datasheet HTML 12Page - NXP Semiconductors SAA7167 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
1995 Nov 03
9
Philips Semiconductors
Preliminary specification
YUV-to-RGB Digital-to-Analog
Converter (DAC)
SAA7167
Table 8
Bit functions in data byte; notes 1 and 2
Notes
1. All I2C-bus control bits are initialized to logic 0 after RES is activated.
2. PCLK should be active in any event to allow for correct operation of I2C-bus programming.
DC CHARACTERISTICS
Tamb = 0 to 70 °C.
BIT
DESCRIPTION
FMTC1 and FMTC0
video format control:
00; YUV 4 :2:2
01; YUV 4 :1:1
10; YUV 2:1:1/CCIR 656
11; RGB 5 :6:5
KINV
key polarity:
KINV = 0: EXTKEY = HIGH for analog mixer to select DAC outputs
KINV = 1: EXTKEY = HIGH for analog mixer to select analog RGB inputs
KEN
key enable:
0 = disable
1 = enable
DRP
UV input data code: 0 = two’s complement; 1 = binary offset
KMOD2 to KMOD0
keying mode:
000; external key
100; 8-bit pixel colour key
101; 2
× 8-bit pixel colour key (with two-edge clock latching for pixel input)
110; 2
× 8-bit pixel colour key (with one-edge clock latching for pixel input)
111; 3
× 8-bit pixel colour key (with one-edge clock latching for pixel input)
all other combinations are reserved
KDLY2 to KDLY0
added keying delay cycles (from 0 to 7 PCLK)
KD7 to KD0
the data value compared for 8, 16 or 24-bit pixel colour key
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VDDD
digital supply voltage
4.75
5.0
5.25
V
VDDA
analog supply voltage
4.75
5.0
5.25
V
IDDtot
total supply current (fclk = 50 MHz)
−
100
−
mA
VIH
HIGH level input voltage (pin SDA)
3
−
VDDD + 0.5
V
VIL
LOW level input voltage (pin SDA)
−0.5
−
+1.5
V
VIH
HIGH level digital input voltage
2
−−
V
VIL
LOW level digital input voltage
−−
0.8
V
Vin
full-scale analog RGB inputs
−
0.7
−
V
Vout
full scale analog RGB outputs (for 150
Ω load)
−
1.4
−
V
DNL
differential non-linearity error of video output
−−
1
LSB
INL
integral non-linearity error of video output
−−
1
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com