Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7167 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SAA7167
Description  YUV-to-RGB Digital-to-Analog Converter DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7167 Datasheet(HTML) 4 Page - NXP Semiconductors

  SAA7167 Datasheet HTML 1Page - NXP Semiconductors SAA7167 Datasheet HTML 2Page - NXP Semiconductors SAA7167 Datasheet HTML 3Page - NXP Semiconductors SAA7167 Datasheet HTML 4Page - NXP Semiconductors SAA7167 Datasheet HTML 5Page - NXP Semiconductors SAA7167 Datasheet HTML 6Page - NXP Semiconductors SAA7167 Datasheet HTML 7Page - NXP Semiconductors SAA7167 Datasheet HTML 8Page - NXP Semiconductors SAA7167 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
1995 Nov 03
4
Philips Semiconductors
Preliminary specification
YUV-to-RGB Digital-to-Analog
Converter (DAC)
SAA7167
PINNING
SYMBOL
PIN
DESCRIPTION
I/O
UV4
1
digital video UV (of YUV format 4:1:1 and 4:2:2) input data, or digital G and R
input data
I
UV3
2
digital video UV (of YUV format 4:1:1 and 4:2:2) input data, or digital G and R
input data
I
UV2
3
digital video UV (of YUV format 4:1:1 and 4:2:2) input data, or digital G and R
input data
I
UV1
4
digital video UV (of YUV format 4:1:1 and 4:2:2) input data, or digital G and R
input data
I
UV0
5
digital video UV (of YUV format 4:1:1 and 4:2:2) input data, or digital G and R
input data
I
VCLK
6
video clock input
I
VDDD
7
digital supply voltage
I/O
VSSD
8
digital ground
I/O
HREF
9
horizontal reference input signal
I
PCLK
10
pixel clock input
I
AP
11
test pins, normally connected to ground
I
SP
12
test pins, normally connected to ground
I
P7
13
pixel bus input 7 (for keying control)
I
P6
14
pixel bus input 6 (for keying control)
I
P5
15
pixel bus input 5 (for keying control)
I
P4
16
pixel bus input 4 (for keying control)
I
P3
17
pixel bus input 3 (for keying control)
I
P2
18
pixel bus input 2 (for keying control)
I
P1
19
pixel bus input 1 (for keying control)
I
P0
20
pixel bus input 0 (for keying control)
I
EXTKEY
21
external key signal input
I
SDA
22
I2C-bus data line
I/O
SCL
23
I2C-bus clock line
I
RES
24
set to LOW to reset the I2C-bus
I
n.c.
25
not connected
−
VSSA2
26
analog ground 2
I/O
VDDA2
27
analog supply voltage 2
I/O
Bout
28
analog Blue signal output
O
Bin
29
analog Blue signal input
I
Gout
30
analog Green signal output
O
Gin
31
analog Green signal input
I
Rout
32
analog Red signal output
O
Rin
33
analog Red signal input
I
VSSA1
34
analog ground 1
I/O
VDDA1
35
analog supply voltage 1
I/O
Cref(h)
36
capacitor for reference high voltage output (2.25 V)
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com