Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7167 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SAA7167
Description  YUV-to-RGB Digital-to-Analog Converter DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7167 Datasheet(HTML) 2 Page - NXP Semiconductors

  SAA7167 Datasheet HTML 1Page - NXP Semiconductors SAA7167 Datasheet HTML 2Page - NXP Semiconductors SAA7167 Datasheet HTML 3Page - NXP Semiconductors SAA7167 Datasheet HTML 4Page - NXP Semiconductors SAA7167 Datasheet HTML 5Page - NXP Semiconductors SAA7167 Datasheet HTML 6Page - NXP Semiconductors SAA7167 Datasheet HTML 7Page - NXP Semiconductors SAA7167 Datasheet HTML 8Page - NXP Semiconductors SAA7167 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1995 Nov 03
2
Philips Semiconductors
Preliminary specification
YUV-to-RGB Digital-to-Analog
Converter (DAC)
SAA7167
FEATURES
• On-chip mixing of digital video data and analog
RGB signals
• Supports video input format of YUV 4 :2:2, 4:1:1,
2:1:1 andRGB 5:6:5
• Video input rate up to 50 MHz
• Allows for both binary and two’s complement video
input data
• Triple 8-bit DACs for video output
• Built-in voltage output amplifier
• Provide keying control with external key and internal
8-bit, 2
× 8-bit and 3 × 8-bit pixel colour key
• Programmable via the I2C-bus
• 5 V CMOS device; LQFP48 package.
GENERAL DESCRIPTION
The SAA7167 is a mixed-mode designed IC containing a
video data path, keying control block, analog mixer, and a
voltage output amplifier, capable of converting digital video
data to analog RGB video, and then mixing video and
external analog RGB inputs.
The video data path contains a data re-formatter,
YUV-to-RGB colour space matrix as well as triple DACs for
video data processing. An analog mixer performs
multiplexing between DAC outputs of the video path and
external analog RGB inputs.
The final analog outputs are buffered with built-in voltage
output amplifiers to provide the direct driving capability for
a 150
Ω load. Figure 1 shows the overall block diagram.
The operation of SAA7167 is controlled via the I2C-bus.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDDD
digital supply voltage
4.75
5.25
V
VDDA
analog supply voltage
4.75
5.25
V
Tamb
operating ambient temperature
0
70
°C
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
SAA7167
LQFP48
plastic low profile quad flat package; 48 leads; body 7
× 7 × 1.4 mm
SOT313-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com