Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28C94 Datasheet (PDF) - NXP Semiconductors

SC28C94 Datasheet PDF - NXP Semiconductors
Part # SC28C94
Download  SC28C94 Download
File Size   230.23 Kbytes
Page   38 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Quad universal asynchronous receiver/transmitter QUART

SC28C94 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC28C94 Datasheet PDF - NXP Semiconductors

Part # SC28C94
Download  SC28C94 Click to download

File Size   230.23 Kbytes
Page   38 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Quad universal asynchronous receiver/transmitter QUART

SC28C94 Datasheet (HTML) - NXP Semiconductors


SC28C94 Product details

DESCRIPTION
The 28C94 quad universal asynchronous receiver/transmitter (QUART) combines four enhanced Philips Semiconductors industry-standard UARTs with an innovative interrupt scheme that can vastly minimize host processor overhead. It is implemented using Philips Semiconductors’ high-speed CMOS process that combines small die size and cost with low power consumption. The operating speed of each receiver and transmitter can be selected independently at one of eighteen fixed baud rates, a 16X clock derived from a programmable counter/timer, or an external 1X or 16X clock. The baud rate generator and counter/timer can operate directly from a crystal or from external clock inputs. The ability to independently program the operating speed of the receiver and transmitter make the QUART particularly attractive for dual-speed channel applications such as clustered terminal systems.

FEATURES
• New low overhead interrupt control
• All commercial parts meet industrial timing and temperature parameters
• Four Philips Semiconductors industry-standard UARTs
• Eight byte receive FIFO and eight byte transmit FIFO for each UART
• Programmable data format:
   – 5 to 8 data bits plus parity
   – Odd, even, no parity or force parity
   – 1, 1.5 or 2 stop bits programmable in 1/16-bit increments
• Baud rate for the receiver and transmitter selectable from:
   – 23 fixed rates: 50 to 230.4K baud; Non-standard rates to 1.0 M baud
   – User-defined rates from the programmable counter/timer associated with each of two blocks
   – External 1x or 16x clock
• Parity, framing, and overrun error detection
• False start bit detection
• Line break detection and generation
• Programmable channel mode
   – Normal (full-duplex), automatic echo, local loop back, remote loopback
• Programmable interrupt priorities
• Identification of highest priority interrupt
• Global interrupt register set provides data from interrupting channel
• Vectored interrupts with programmable vector format
• IACKN and programmable DTACKN signals
• Built-in baud rate generator with choice of 18 rates
• Four I/O pins per UART for modem controls, clocks, etc.
• Power down mode
• High-speed CMOS technology
• 52-pin PLCC package
• Commercial and industrial temperature ranges available
• On-chip crystal oscillator
• TTL compatible
• Single +5V power supply with low power mode
• Two multifunction programmable 16-bit counter/timers
• 1MHz 16x mode operation
• 10ns data bus release time
• “Watch Dog” timer for each receiver




Similar Part No. - SC28C94

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC28C198A1A PHILIPS-SC28C198A1A Datasheet
345Kb / 56P
Octal UART for 3.3V and 5V supply voltage
1999 Jan 14
More results


Similar Description - SC28C94

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC26C94 PHILIPS-SC26C94 Datasheet
211Kb / 33P
Quad universal asynchronous receiver/transmitter QUART
1995 May 1
SC68C94 PHILIPS-SC68C94 Datasheet
215Kb / 33P
Quad universal asynchronous receiver/transmitter QUART
1995 May 1
logo
Exar Corporation
ST16C454 EXAR-ST16C454 Datasheet
378Kb / 30P
QUAD UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
logo
Winbond
W86C450 WINBOND-W86C450 Datasheet
1Mb / 28P
UNIVERSAL ASYNCHRONOUS RECEIVER /TRANSMITTER
logo
List of Unclassifed Man...
H8250 ETC-H8250 Datasheet
49Kb / 7P
Universal Asynchronous Receiver/Transmitter
logo
Altera Corporation
A16450 ALTERA-A16450 Datasheet
282Kb / 16P
Universal Asynchronous Receiver/Transmitter
logo
TelCom Semiconductor, I...
AY-3-1013A TELCOM-AY-3-1013A Datasheet
775Kb / 13P
UNIVERSAL ASYNCHRONOUS RECEIVER / TRANSMITTER
logo
Altera Corporation
A6402 ALTERA-A6402 Datasheet
228Kb / 8P
Universal Asynchronous Receiver/Transmitter
logo
Exar Corporation
ST16C454 EXAR-ST16C454_05 Datasheet
177Kb / 29P
QUAD UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
logo
Texas Instruments
PC16550D TI1-PC16550D_15 Datasheet
482Kb / 33P
Universal Asynchronous Receiver/Transmitter
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com