Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28C94 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SC28C94
Description  Quad universal asynchronous receiver/transmitter QUART
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28C94 Datasheet(HTML) 1 Page - NXP Semiconductors

  SC28C94 Datasheet HTML 1Page - NXP Semiconductors SC28C94 Datasheet HTML 2Page - NXP Semiconductors SC28C94 Datasheet HTML 3Page - NXP Semiconductors SC28C94 Datasheet HTML 4Page - NXP Semiconductors SC28C94 Datasheet HTML 5Page - NXP Semiconductors SC28C94 Datasheet HTML 6Page - NXP Semiconductors SC28C94 Datasheet HTML 7Page - NXP Semiconductors SC28C94 Datasheet HTML 8Page - NXP Semiconductors SC28C94 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Philips
Semiconductors
SC28C94
Quad universal asynchronous
receiver/transmitter (QUART)
Product specification
Replaces SC26C94 of 1995 May 01 and SC68C94 of 1995 May 01
IC17 Data Handbook
1998 Aug 19
INTEGRATED CIRCUITS


Similar Part No. - SC28C94

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC28C198A1A PHILIPS-SC28C198A1A Datasheet
345Kb / 56P
Octal UART for 3.3V and 5V supply voltage
1999 Jan 14
More results

Similar Description - SC28C94

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC26C94 PHILIPS-SC26C94 Datasheet
211Kb / 33P
Quad universal asynchronous receiver/transmitter QUART
1995 May 1
SC68C94 PHILIPS-SC68C94 Datasheet
215Kb / 33P
Quad universal asynchronous receiver/transmitter QUART
1995 May 1
logo
Exar Corporation
ST16C454 EXAR-ST16C454 Datasheet
378Kb / 30P
QUAD UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
logo
Winbond
W86C450 WINBOND-W86C450 Datasheet
1Mb / 28P
UNIVERSAL ASYNCHRONOUS RECEIVER /TRANSMITTER
logo
List of Unclassifed Man...
H8250 ETC-H8250 Datasheet
49Kb / 7P
Universal Asynchronous Receiver/Transmitter
logo
Altera Corporation
A16450 ALTERA-A16450 Datasheet
282Kb / 16P
Universal Asynchronous Receiver/Transmitter
logo
TelCom Semiconductor, I...
AY-3-1013A TELCOM-AY-3-1013A Datasheet
775Kb / 13P
UNIVERSAL ASYNCHRONOUS RECEIVER / TRANSMITTER
logo
Altera Corporation
A6402 ALTERA-A6402 Datasheet
228Kb / 8P
Universal Asynchronous Receiver/Transmitter
logo
Exar Corporation
ST16C454 EXAR-ST16C454_05 Datasheet
177Kb / 29P
QUAD UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
logo
Texas Instruments
PC16550D TI1-PC16550D_15 Datasheet
482Kb / 33P
Universal Asynchronous Receiver/Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com