Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28C94 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # SC28C94
Description  Quad universal asynchronous receiver/transmitter QUART
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28C94 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button SC28C94 Datasheet HTML 22Page - NXP Semiconductors SC28C94 Datasheet HTML 23Page - NXP Semiconductors SC28C94 Datasheet HTML 24Page - NXP Semiconductors SC28C94 Datasheet HTML 25Page - NXP Semiconductors SC28C94 Datasheet HTML 26Page - NXP Semiconductors SC28C94 Datasheet HTML 27Page - NXP Semiconductors SC28C94 Datasheet HTML 28Page - NXP Semiconductors SC28C94 Datasheet HTML 29Page - NXP Semiconductors SC28C94 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
Philips Semiconductors
Product specification
SC28C94
Quad universal asynchronous receiver/transmitter (QUART)
1998 Aug 19
26
AC ELECTRICAL CHARACTERISTICS4
VCC = 5V ± 10%, TA = –40_C to 85_C, unless otherwise specified.
NO
FIGURE
CHARACTERISTIC
LIMITS
UNIT
NO.
FIGURE
CHARACTERISTIC
Min
Typ
Max
UNIT
1
6
Setup: A[5:0] valid to CEN Low
10
ns
2
6
Hold: A[5:0] valid after CEN Low6
45
ns
3
6
Access: Later of CEN Low and RDN Low, to Dnn valid (read)
110/115
ns
4
6
Later of CEN Low and (RDN or WRN as applicable) Low, to DACKN Low
ns
Normal Operation:
10 + 2
X1 edges5
90/122 + 3
X1 edges5
From Power Down:
150
5
6
Earlier of CEN High or RDN High, to Dnn released (read)1
0
30
ns
6
6
Earlier of CEN High or (RDN or WRN as applicable) High, to DACKN released
0
30
ns
7
6
Earlier of CEN High or (RDN or WRN as applicable) High, in one cycle, to later
of CEN Low and (RDN or WRN as applicable) Low, for the next cycle
50
ns
8
6
Setup, Dnn valid (write) to later of CEN Low and WRN Low2
–30
ns
9
6
Later of CEN Low and WRN Low, to earlier of CEN High or WRN High
110/115
ns
10
6
Hold: Dnn valid (write) after DACKN Low, CEN High or WRN High3
0
ns
NOTES:
1. The minimum time indicates that read data will remain valid until the bus master drives CEN and/or RDN to High.
2. The fact that this parameter is negative means that the Dnn line may actually become valid after CEN and WRN are both Low.
3. In a Write operation, the bus master must hold the write data valid either until drives CEN and/or WRN to High, or until the QUART drives
DACKN to Low, whichever comes first.
4. Test condition for interrupt and I/O outputs: CL = 50pF, forced current for VOL = 4.0mA; forced current for VOH = 400µA, RL = 2.7kΩ to VCC.
Test condition for rest of outputs: CL = 150pF
5. Consecutive write operations to the upper four bits of the Command Register (CR) require at least three X1/CLK edges; four X1/CLK edges
in the ‘X1/CLK divide by 2 edges’ according to register 2E or 2F setting.
6. Address is latched at leading edge of a read or write cycle.
A[5:0]
CEN
RDN
WRN
D[7:0]
12
1
2
READ CYCLE
WRITE CYCLE
DACKN
4
4
3
3
7
7
9
9
7
7
9
9
5
5
6
6
8
8
4
4
10
10
10
6
6
SD00677
X1/CLK
Figure 6. A Read Cycle Followed by a Write Cycle with DACKN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com