Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28C94 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # SC28C94
Description  Quad universal asynchronous receiver/transmitter QUART
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28C94 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button SC28C94 Datasheet HTML 13Page - NXP Semiconductors SC28C94 Datasheet HTML 14Page - NXP Semiconductors SC28C94 Datasheet HTML 15Page - NXP Semiconductors SC28C94 Datasheet HTML 16Page - NXP Semiconductors SC28C94 Datasheet HTML 17Page - NXP Semiconductors SC28C94 Datasheet HTML 18Page - NXP Semiconductors SC28C94 Datasheet HTML 19Page - NXP Semiconductors SC28C94 Datasheet HTML 20Page - NXP Semiconductors SC28C94 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
Philips Semiconductors
Product specification
SC28C94
Quad universal asynchronous receiver/transmitter (QUART)
1998 Aug 19
17
other control registers. If the special wake–up mode is programmed,
the receiver operates even if it is disabled (see Wake-up Mode).
CR[0] – Enable Receiver
Enables operation of the receiver. If not in the special wake-up
mode, this also forces the receiver into the search for start bit state.
Table 6.
Baud Rate
BRG RATE = LOW
BRG RATE = HIGH
TEST 1 = 1
CSR[7:4]
ACR[7] = 0
ACR[7] = 1
ACR[7] = 0
ACR[7] = 1
ACR[7] = 0
ACR[7] = 1
0 0 0 0
0 0 0 1
0 0 1 0
0 0 1 1
0 1 0 0
0 1 0 1
0 1 1 0
0 1 1 1
1 0 0 0
1 0 0 1
1 0 1 0
1 0 1 1
1 1 0 0
1 1 0 1
1 1 1 0
1 1 1 1
50
110
134.5
200
300
600
1,200
1,050
2,400
4,800
7,200
9,600
38.4k
Timer
I/O2 – 16X
I/O2 – 1X
75
110
38.4k
150
300
600
1,200
2,000
2,400
4,800
1,800
9,600
19.2k
Timer
I/O2 – 16X
I/O2 – 1X
300
110
134.5
1200
1800
3,600
7,200
1,050
14.4K
28.8K
7,200
57.6K
230.4K
Timer
I/O2 – 16X
I/O2 – 1X
450
110
134.5
900
1,800
3,600
7,200
2,000
14.4K
28.8K
1,800
57.6K
115.2K
Timer
I/O2 – 16X
I/O2 – 1X
4,800
880
1,076
19.2K
28.8K
57.6K
115.2K
1,050
57.6K
4,800
57.6K
9,600
38.4K
Timer
I/O2 – 16X
I/O2 – 1X
7,200
880
1,076
14.4K
28.8K
57.6K
115.2K
2,000
57.6K
4,800
14.4K
9,600
19.2K
Timer
I/O2 – 16X
I/O2 – 1X
SR – Channel Status Register
SR[7] – Received Break
This bit indicates that an all zero character of the programmed
length has been received without a stop bit. Only a single FIFO
position is occupied when a break is received; further entries to the
FIFO are inhibited until the RxDA line returns to the marking state
for at least one-half bit time two successive edges of the internal or
external 1X clock. This will usually require a high time of one X1
clock period or 3 X1 edges since the clock of the controller is
not synchronous to the X1 clock.
When this bit is set, the change in break bit in the ISR (ISR[6 or 2])
is set. ISR[6 or 2] is also set when the end of the break condition, as
defined above, is detected. The break detect circuitry is capable of
detecting breaks that originate in the middle of a received character.
However, if a break begins in the middle of a character, it must last
until the end of the next character in order for it to be detected.
SR[6] – Framing Error (FE)
This bit, when set, indicates that a stop bit was not detected when
the corresponding data character in the FIFO was received. The
stop bit check is made in the middle of the first stop bit position.
SR[5]– Parity Error (PE)
This bit is set when the ‘with parity’ or ‘force parity’ mode is
programmed and the corresponding character in the FIFO was
received with incorrect parity. In ‘wake-up mode’, the parity error bit
stores the received A/D (Address/Data) bit.
In the wake-up mode this bit follows the polarity of the A/D parity bit
as it is received. A parity of 1 would normally mean address and
therefore, the end of a data block.
SR[4] – Overrun Error (OE)
This bit, when set, indicates that one or more characters in the
received data stream have been lost. It is set upon receipt of a new
character when the FIFO is full and a character is already in the
receive shift register waiting for an empty FIFO position. When this
occurs, the character in the receive shift register (and its break
detect, parity error and framing error status, if any) is lost. This bit is
cleared by a reset error status command.
SRA[3] – Channel A Transmitter Empty (TxEMTA)
This bit will be set when the transmitter underruns, i.e., both the
TxEMT and TxRDY bits are set. This bit and TxRDY are set when
the transmitter is first enabled and at any time it is re-enabled after
either (a) reset, or (b) the transmitter has assumed the disabled
state. It is always set after transmission of the last stop bit of a
character if no character is in the THR awaiting transmission.
It is reset when the THR is loaded by the CPU, a pending
transmitter disable is executed, the transmitter is reset, or the
transmitter is disabled while in the underrun condition.
SR[2] – Transmitter Ready (TxRDY)
This bit, when set, indicates that the TxFIFO has at least one empty
location that may be loaded by the CPU. It sets when the transmitter
is first enabled. It is cleared when the TxFIFO is full (eight bytes);
the transmitter is reset; a pending transmitter disable is executed;
the transmitter is disabled when it is in the underrun condition. When
this bit is not set characters written to the TxFIFO will not be loaded
or transmitted; they are lost.
SR[1] – RxFIFO Full (FFULL)
This bit is set when a character is transferred from the receive shift
register to the receive FIFO and the transfer causes the FIFO to
become full, i.e., all eight FIFO positions are occupied. It is reset
when the CPU reads the FIFO and there is no character in the
receive shift register. If a character is waiting in the receive shift
register because the FIFO is full, FFULL is not reset after reading
the FIFO once.
SR[0] – RxFIFO Ready (RxRDY)
This bit indicates that a character has been received and is waiting
in the FIFO to be read by the CPU. It is set when the character is
transferred from the receive shift register to the FIFO and reset
when the CPU reads the RxFIFO, and no more characters are in the
FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com