Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28C94 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # SC28C94
Description  Quad universal asynchronous receiver/transmitter QUART
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28C94 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button SC28C94 Datasheet HTML 23Page - NXP Semiconductors SC28C94 Datasheet HTML 24Page - NXP Semiconductors SC28C94 Datasheet HTML 25Page - NXP Semiconductors SC28C94 Datasheet HTML 26Page - NXP Semiconductors SC28C94 Datasheet HTML 27Page - NXP Semiconductors SC28C94 Datasheet HTML 28Page - NXP Semiconductors SC28C94 Datasheet HTML 29Page - NXP Semiconductors SC28C94 Datasheet HTML 30Page - NXP Semiconductors SC28C94 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
Philips Semiconductors
Product specification
SC28C94
Quad universal asynchronous receiver/transmitter (QUART)
1998 Aug 19
27
AC ELECTRICAL CHARACTERISTICS
VCC = 5V ± 10%, TA = –40_C to 85_C, unless otherwise specified.
NO
FIGURE
CHARACTERISTIC
LIMITS
UNIT
NO.
FIGURE
CHARACTERISTIC
Min
Typ
Max
UNIT
1
7
D[7:0] Valid after IACKN Low
65
ns
2
7
DACKN Low after IACKN Low
0 + 2
X1 edges1
30 + 3
X1 edges1
ns
3
7
D[7:0] floating after IACKN High
0
15
ns
4
7
DACKN High after IACKN High
0
15
ns
5
7
IACKN High after IACKN Low
30
ns
NOTE:
1. Consecutive write operations to the upper four bits of the Command Register (CR) require at least three X1/CLK edges; four X1/CLK edges
in the ‘X1/CLK divide by 2 edges’ according to register 2E or 2F setting.
IRQN
IACKN
D[7:0]
DACKN
1
5
2
3
4
SD00165
NOTE: Rise time of IRQN is dependent on external circuit.
Figure 7. Interrupt Knowledge (IACKN) Timing
OSC/N
EVAL/HOLD
IACKN
CIR
VALUE FOR THIS INTERRUPT
SD00166
Figure 8. Interrupt Bid Arbitration Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com