Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28C94 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SC28C94
Description  Quad universal asynchronous receiver/transmitter QUART
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28C94 Datasheet(HTML) 2 Page - NXP Semiconductors

  SC28C94 Datasheet HTML 1Page - NXP Semiconductors SC28C94 Datasheet HTML 2Page - NXP Semiconductors SC28C94 Datasheet HTML 3Page - NXP Semiconductors SC28C94 Datasheet HTML 4Page - NXP Semiconductors SC28C94 Datasheet HTML 5Page - NXP Semiconductors SC28C94 Datasheet HTML 6Page - NXP Semiconductors SC28C94 Datasheet HTML 7Page - NXP Semiconductors SC28C94 Datasheet HTML 8Page - NXP Semiconductors SC28C94 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
Philips Semiconductors
Product specification
SC28C94
Quad universal asynchronous receiver/transmitter (QUART)
2
1998 Aug 19
853–2111 19896
DESCRIPTION
The 28C94 quad universal asynchronous receiver/transmitter
(QUART) combines four enhanced Philips Semiconductors
industry-standard UARTs with an innovative interrupt scheme that
can vastly minimize host processor overhead. It is implemented
using Philips Semiconductors’ high-speed CMOS process that
combines small die size and cost with low power consumption.
The operating speed of each receiver and transmitter can be
selected independently at one of eighteen fixed baud rates, a 16X
clock derived from a programmable counter/timer, or an external 1X
or 16X clock. The baud rate generator and counter/timer can
operate directly from a crystal or from external clock inputs. The
ability to independently program the operating speed of the receiver
and transmitter make the QUART particularly attractive for
dual-speed channel applications such as clustered terminal
systems.
Each receiver is buffered with eight character FIFOs (first-in-first-out
memories) and one shift register to minimize the potential for
receiver overrun and to reduce interrupt overhead in interrupt driven
systems. In addition, a handshaking capability is provided to disable
a remote UART transmitter when the receiver buffer is full. (RTS
control)
The 28C94 provides a power-down mode in which the oscillator is
stopped and the register contents are stored. This results in reduced
power consumption on the order of several magnitudes. The
QUART is fully TTL compatible and operates from a single +5V
power supply.
FEATURES
New low overhead interrupt control
All commercial parts meet industrial timing and temperature
parameters
Four Philips Semiconductors industry-standard UARTs
Eight byte receive FIFO and eight byte transmit FIFO for each
UART
Programmable data format:
– 5 to 8 data bits plus parity
– Odd, even, no parity or force parity
– 1, 1.5 or 2 stop bits programmable in 1/16-bit increments
Baud rate for the receiver and transmitter selectable from:
– 23 fixed rates: 50 to 230.4K baud Non-standard rates to 1.0M
baud
– User-defined rates from the programmable counter/timer
associated with each of two blocks
– External 1x or 16x clock
Parity, framing, and overrun error detection
False start bit detection
Line break detection and generation
PIN CONFIGURATIONS
VCC
A5:0
CEN
RDN
WRN
IACKN
RESET
X1/CLK
X2
RDa-d
VSS
D7-0
DACKN
RQN
I/O0a–d
I/O1a–d
I/O2a–d
I/O3a–d
TDa-d
SD00158
Figure 1. Pin Configuration
Programmable channel mode
– Normal (full-duplex), automatic echo, local loop back, remote
loopback
Programmable interrupt priorities
Identification of highest priority interrupt
Global interrupt register set provides data from interrupting
channel
Vectored interrupts with programmable vector format
IACKN and programmable DTACKN signals
Built-in baud rate generator with choice of 18 rates
Four I/O pins per UART for modem controls, clocks, etc.
Power down mode
High-speed CMOS technology
52-pin PLCC and 48-pin DIP
Commercial and industrial temperature ranges available
On-chip crystal oscillator
TTL compatible
Single +5V power supply with low power mode
Two multifunction programmable 16-bit counter/timers
1MHz 16x mode operation
10ns data bus release time
“Watch Dog” timer for each receiver
ORDERING INFORMATION
CG S
INDUSTRIAL
G
PACKAGES
VCC = +5V +10%,
TA = –40oC to +85oC
DWG #
48-Pin Plastic Dual In-Line Package (DIP)
SC28C94A1N
SOT240-1
52-Pin Plastic Leaded Chip Carrier (PLCC) Package
SC28C94A1A
SOT238-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com