Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28C94 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # SC28C94
Description  Quad universal asynchronous receiver/transmitter QUART
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28C94 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button SC28C94 Datasheet HTML 16Page - NXP Semiconductors SC28C94 Datasheet HTML 17Page - NXP Semiconductors SC28C94 Datasheet HTML 18Page - NXP Semiconductors SC28C94 Datasheet HTML 19Page - NXP Semiconductors SC28C94 Datasheet HTML 20Page - NXP Semiconductors SC28C94 Datasheet HTML 21Page - NXP Semiconductors SC28C94 Datasheet HTML 22Page - NXP Semiconductors SC28C94 Datasheet HTML 23Page - NXP Semiconductors SC28C94 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
Philips Semiconductors
Product specification
SC28C94
Quad universal asynchronous receiver/transmitter (QUART)
1998 Aug 19
20
Table 8.
Register Bit Formats, I/O Section
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
IPCR (Input Port Change Register ab) The lower four bits replicate the lower four bits of the IPR. The upper four bits reads change of
state detectors. Change detectors are enabled in ACR[3:0]. (DUART ab)
Delta I/O1b
Delta I/O0b
Delta I/O1a
Delta I/O0a
I/O1b
I/O0b
I/O1a
I/O0a
0 = No
1 = Yes
0 = No
1 = Yes
0 = No
1 = Yes
0 = No
1 = Yes
0 = Low
1 = High
0 = Low
1 = High
0 = Low
1 = High
0 = Low
1 = High
IPCR (Input Port Change Register cd) The lower four bits replicate the lower four bits of the IPR. The upper four bits reads change of
state detectors. Change detectors are enabled in ACR[3:0]. (DUART cd)
Delta I/O1d
Delta I/O0d
Delta I/O1c
Delta I/O0c
I/O1d
I/O0d
I/O1c
I/O0c
0 = No
1 = Yes
0 = No
1 = Yes
0 = No
1 = Yes
0 = No
1 = Yes
0 = Low
1 = High
0 = Low
1 = High
0 = Low
1 = High
0 = Low
1 = High
I/OPCR (I/O Port Configuration Register) One register for each UART.
I/O3x CONTROL
I/O2x CONTROL
I/O1x CONTROL
I/O0x CONTROL
Two bits for each I/O pin.
This register controls the configuration of the I/O ports. It defines them as inputs or outputs and controls what sources will drive them in the
case of outputs or which functions they will drive when used as an input. Each pin has four functions and hence two bits to control it. Each
UART has one eight bit register to control its four I/O ports.
OPR (Output Port Register cd) for DUART cd
I/O3d
I/O2d
I/O3c
I/O2c
I/O1d
I/O0d
I/O1c
I/O0c
One bit for each pin. When I/O pins are configured as “General Purpose Outputs”
the pins will be driven to the complement value of its associated OPR bit.
OPR (Output Port Register ab) for DUART ab
I/O3b
I/O2b
I/O3a
I/O2a
I/O1b
I/O0b
I/O1a
I/O0a
One bit for each pin. When I/O pins are configured as “General Purpose Outputs”
the pins will be driven to the complement value of its associated OPR bit.
This register contains the data for the I/O ports when they are used as ’General Purpose Outputs’ . The bits of the register are controlled by
writing to the hex addresses at 0C and 1C. Ones written to the OPR drive the pins to 0; zeros drive the pins to 1. (The pins drive the value of
the complement data written to the OPR)
IPR (Input Port Register cd) Reads I/O pins for DUART cd
I/O3d
I/O2d
I/O3c
I/O2c
I/O1d
I/O0d
I/O1c
I/O0c
0 = Low
1 = High
0 = Low
1 = High
0 = Low
1 = High
0 = Low
1 = High
0 = Low
1 = High
0 = Low
1 = High
0 = Low
1 = High
0 = Low
1 = High
IPR (Input Port Register ab) Reads I/O pins for DUART ab
I/O3b
I/O2b
I/O3a
I/O2a
I/O1b
I/O0b
I/O1a
I/O0a
0 = Low
1 = High
0 = Low
1 = High
0 = Low
1 = High
0 = Low
1 = High
0 = Low
1 = High
0 = Low
1 = High
0 = Low
1 = High
0 = Low
1 = High
This register reads the state of the ’I/O Ports’. The state of the I/O ports is read regardless of being programmed as inputs or outputs.
The IPR can be thought of a just another 8 bit parallel port to the system data bus. The lower four bits of this register are replicated in the lower
four bits of the IPCR register.
I/O Port Control Channel A (IOPCRA)
IOPCR[xx]
IOPCRa[7:6]
IOPCRa[5:4]
IOPCRa[3:2]
IOPCRa[1:0]
Pin Control Bits
I/O3A
I/O2A
I/O1A
I/O0A
00 = input
IPR(5), TxC in
IPR(4), RxC in
IPR(1), C/Tab Clk in1 TxC in
IPR(0), CTSN
01 = output
OPRab(5)
OPRab(4)
RTSN1 if IOPCR[5:4] = 01
OPRab(1)
RTSN2 if IOPCR[5:4]
≠ 01
OPRab(0)
10 = output
TxC 16x
RxC 1x
RxC 16x
TxC 1x
11 = output
TxC 1x
RxC 16x
RxC 1x
TxC 16x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com