Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28C94 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SC28C94
Description  Quad universal asynchronous receiver/transmitter QUART
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28C94 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SC28C94 Datasheet HTML 2Page - NXP Semiconductors SC28C94 Datasheet HTML 3Page - NXP Semiconductors SC28C94 Datasheet HTML 4Page - NXP Semiconductors SC28C94 Datasheet HTML 5Page - NXP Semiconductors SC28C94 Datasheet HTML 6Page - NXP Semiconductors SC28C94 Datasheet HTML 7Page - NXP Semiconductors SC28C94 Datasheet HTML 8Page - NXP Semiconductors SC28C94 Datasheet HTML 9Page - NXP Semiconductors SC28C94 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
Philips Semiconductors
Product specification
SC28C94
Quad universal asynchronous receiver/transmitter (QUART)
1998 Aug 19
6
Table 1.
QUART Registers1
A5:0
READ (RDN = Low)
WRITE (WRN = Low)
000000
Mode Register a (MR0a, MR1a, MR2a)
Mode Register a (MR0a, MR1a, MR2a)
000001
Status Register a (SRa)
Clock Select Register a (CSRa)
000010
Reserved
Command Register a (CRa)
000011
Receive Holding Register a (RxFIFOa)
Transmit Holding Register a (TxFIFOa)
000100
Input Port Change Reg ab (IPCRab)
Auxiliary Control Reg ab (ACRab)
000101
Interrupt Status Reg ab (ISRab)
Interrupt Mask Reg ab (IMRab)
000110
Counter/Timer Upper ab (CTUab)
Counter/Timer Upper Reg ab (CTURab)
000111
Counter/Timer Lower ab (CTLab)
Counter/Timer Lower Reg ab (CTLRab)
001000
Mode Register b (MR0b, MR1b, MR2b)
Mode Register b (MR0b, MR1b, MR2b)
001001
Status Register b (SRb)
Clock Select Register b (CSRb)
001010
Reserved
Command Register b (CRb)
001011
Receive Holding Register b (RxFIFOb)
Transmit Holding Register b (TxFIFOb)
001100
Output Port Register ab (OPRab)
Output Port Register ab (OPRab)
001101
Input Port Register ab (IPRab)
I/OPCRa (I/O Port Control Reg a)
001110
Start Counter ab
I/OPCRb (I/O Port Control Reg b)
001111
Stop Counter ab
Reserved
010000
Mode Register c (MR0c, MR1c, MR2c)
Mode Register c (MR0c, MR1c, MR2c)
010001
Status Register c (SRc)
Clock Select Register c (CSRc)
010010
Reserved
Command Register c (CRc)
010011
Receive Holding Register c (RxFIFOc)
Transmit Holding Register c (TxFIFOc)
010100
Input Port Change Reg cd (IPCRcd)
Auxiliary Control Reg cd (ACRcd)
010101
Interrupt Status Reg cd (ISRcd)
Interrupt Mask Reg cd (IMRcd)
010110
Counter/Timer Upper cd (CTUcd)
Counter/Timer Upper Reg cd (CTURcd)
010111
Counter/Timer Lower cd (CTLcd)
Counter/Timer Lower Reg cd (CTLRcd)
011000
Mode Register d (MR0d, MR1d, MR2d)
Mode Register d (MR0d, MR1d, MR2d)
011001
Status Register d (SRd)
Clock Select Register d (CSRd)
011010
Reserved
Command Register d (CRd)
011011
Receive Holding Register d (RxFIFOd)
Transmit Holding Register d (TxFIFOd)
011100
Output Port Register cd (OPRcd)
Output Port Register cd (OPRcd)
011101
Input Port Register cd (IPRcd)
I/OPCRc (I/O Port Control Reg c)
011110
Start Counter cd
I/OPCRd (I/O Port Control Reg d)
011111
Stop Counter cd
Reserved
100000
Bidding Control Register a (BCRa)
Bidding Control Register a (BCRa)
100001
Bidding Control Register b (BCRb)
Bidding Control Register b (BCRb)
100010
Bidding Control Register c (BCRc)
Bidding Control Register c (BCRc)
100011
Bidding Control Register d (BCRd)
Bidding Control Register d (BCRd)
100100
Reserved
Power Down
100101
Reserved
Power Up
100110
Reserved
Disable DACKN
100111
Reserved
Enable DACKN
101000
Current Interrupt Register (CIR)
Reserved
101001
Global Interrupting Channel Reg (GICR)
Interrupt Vector Register (IVR)
101010
Global Int Byte Count Reg (GIBCR)
Update CIR
101011
Global Receive Holding Reg (GRxFIFO)
Global Transmit Holding Reg (GTxFIFO)
101100
Interrupt Control Register (ICR)
Interrupt Control Register (ICR)
101101
Reserved
BRG Rate. 00 = low; 01 = high
101110
Reserved
Set X1/CLK divide by two2 (use when X1 is
t 4 Mhz)
101111
Reserved
Set X1/CLK Normal2
110000–111000
Reserved
Reserved
111001
Reserved
Test Mode
111010–111111
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com