Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28C94 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # SC28C94
Description  Quad universal asynchronous receiver/transmitter QUART
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28C94 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button SC28C94 Datasheet HTML 20Page - NXP Semiconductors SC28C94 Datasheet HTML 21Page - NXP Semiconductors SC28C94 Datasheet HTML 22Page - NXP Semiconductors SC28C94 Datasheet HTML 23Page - NXP Semiconductors SC28C94 Datasheet HTML 24Page - NXP Semiconductors SC28C94 Datasheet HTML 25Page - NXP Semiconductors SC28C94 Datasheet HTML 26Page - NXP Semiconductors SC28C94 Datasheet HTML 27Page - NXP Semiconductors SC28C94 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
Philips Semiconductors
Product specification
SC28C94
Quad universal asynchronous receiver/transmitter (QUART)
1998 Aug 19
24
AC ELECTRICAL CHARACTERISTICS1, 2, 3, 4
VCC = 5V ± 10%, TA = –40_C to 85_C, unless otherwise specified.
SYMBOL
FIGURE
PARAMETER
LIMITS
UNIT
SYMBOL
FIGURE
PARAMETER
Min
Typ
Max
UNIT
Reset timing
tRES
11
Reset pulse width
200
ns
I/O Port timing
tPS
12
I/O input setup time before RDN Low
0
ns
tPH
12
I/O input hold time after RDN High
0
ns
tPD
12
I/O output valid from
WRN High (WRN or CEN high, whichever occurs first)
RDN Low (RDN or CEN low, whichever occurs last)
40
40
ns
ns
Interrupt timing
tIR
13
IRQN negated or I/O output High from:
Read RHR (RxRDY/FFULL interrupt)
Write THR (TxRDY interrupt)
Reset command (break change interrupt)
Reset command (I/O change interrupt)
Stop C/T command (counter interrupt)
Write IMR (clear of interrupt mask bit)
With respect to a
3.6864MHz clock
on pin X1/CLK
80
80
80
80
80
80
ns
ns
ns
ns
ns
ns
Clock timing
tCLK
14
X1/CLK low/high time
125/100
ns
tCLK
14
X1/CLK low/high time (above 4MHz; X1/CLK
÷ 2 active)
56/56
ns
tCLK5
14
X1/CLK frequency
0
3.6864
8.0
MHz
tCTC
14
Counter/timer clock high or low time
60
ns
fCTC5
14
Counter/timer clock frequency
0
8
MHz
tRX
14
RxC high or low time
30
ns
fRX5
14
RxC frequency (16X)
RxC frequency (1X)
0
0
16
1.0
MHz
MHz
tTX
14
TxC high or low time
30
ns
fTX5
14
TxC frequency (16X)
TxC frequency (1X)
0
0
16
1.0
MHz
MHz
Transmitter timing
tTXD
15
TxD output delay from TxC low
70
ns
tTCS
15
TxC output delay from TxD output data
–10
+10
ns
Receiver timing
tRXS
16
RxD data setup time to RxC high
60
5
ns
tRXH
16
RxD data hold time from RxC high
60
5
ns
NOTES:
1. All voltage measurements are referenced to ground (GND). For testing, all inputs swing between 0.4V and 2.4V with a transition time of 20ns
maximum. For X1/CLK this swing is between 0.4V and 4.4V. All time measurements are referenced at input voltages of VIL and VIH, as
appropriate.
2. Typical values are at +25oC, typical supply voltages, and typical processing parameters.
3. Test condition for interrupt and I/O outputs: CL = 50pF, RL = 2.7kΩ to VCC. Test conditions for rest of outputs: CL = 150pF.
4. Timing is illustrated and referenced to the WRN and RDN inputs. The device may also be operated with CEN as the ‘strobing’ input. CEN
and RDN (also CEN and WRN) are ANDed internally. As a consequence, the signal asserted last initiates the cycle and the signal negated
first terminates the cycle.
5. The minimum value is not tested, but is guaranteed by design. For tCLK minimum test rate is 2.0MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com