Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX15020 Datasheet (PDF) - Maxim Integrated Products

MAX15020 Datasheet PDF - Maxim Integrated Products
Part # MAX15020
Download  MAX15020 Download
File Size   349.28 Kbytes
Page   19 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming

MAX15020 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX15020 Datasheet PDF - Maxim Integrated Products

Part # MAX15020
Download  MAX15020 Click to download

File Size   349.28 Kbytes
Page   19 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming

MAX15020 Datasheet (HTML) - Maxim Integrated Products


MAX15020 Product details

General Description
The MAX15020 high-voltage step-down DC-DC converter operates over an input voltage range of 7.5V to 40V. The device integrates a 0.2Ω high-side switch and is capable of delivering 2A load current with excellent load and line regulation. The output is dynamically adjustable from 0.5V to 36V through the use of an external reference input (REFIN). The MAX15020 consumes only 6μA in shutdown mode.

Features
● Wide 7.5V to 40V Input Voltage Range
● 2A Output Current, Up to 96% Efficiency
● Dynamic Programmable Output Voltage (0.5V to 36V)
● Maximum Duty Cycle of 95% (typ) at 300kHz
● 100kHz to 500kHz Synchronizable SYNC Frequency Range
● Configurable UVLO and Soft-Start
● Low-Noise, Voltage-Mode Step-Down Converter
● Programmable Output-Voltage Slew Rate
● Lossless Constant Current Limit with Fixed
● Timeout to Hiccup Mode
● Extremely Low-Power Consumption (< 6μA typ) in Shutdown Mode
● 20-Pin (5mm x 5mm) Thin QFN Package

Applications
● Printer Head Driver Power Supply
● Industrial Power Supply
● Step-Down Power Supply




Similar Part No. - MAX15020

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15020 MAXIM-MAX15020 Datasheet
316Kb / 18P
2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
Rev 1; 5/11
MAX15020 MAXIM-MAX15020 Datasheet
417Kb / 7P
Space-Saving 5mm x 5mm, 20-pin TQFN Package
Rev 3; 5/15
MAX15020 MAXIM-MAX15020 Datasheet
2Mb / 18P
2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
2014
MAX15020ATP MAXIM-MAX15020ATP Datasheet
316Kb / 18P
2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
Rev 1; 5/11
MAX15020ATP+ MAXIM-MAX15020ATP+ Datasheet
2Mb / 18P
2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
2014
More results


Similar Description - MAX15020

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT7301 AAT-AAT7301 Datasheet
554Kb / 11P
2A 15V STEP-DOWN DC-DC CONVERTER
October 2007 Version 1.00
logo
Maxim Integrated Produc...
MAX15020 MAXIM-MAX15020_11 Datasheet
316Kb / 18P
2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
Rev 1; 5/11
logo
Holtek Semiconductor In...
HT7465 HOLTEK-HT7465 Datasheet
1Mb / 11P
2A Step-Down DC to DC Converter
September 02, 2011
logo
ACE Technology Co., LTD...
ACE722 ACE-ACE722 Datasheet
535Kb / 8P
2A Step-down DC-DC Converter
VER 1.6
logo
Active-Semi, Inc
ACT2102 ACTIVE-SEMI-ACT2102 Datasheet
707Kb / 16P
18V/2A Step-Down DC/DC Converter
Rev 2, 23-May-12
ACT4060B ACTIVE-SEMI-ACT4060B Datasheet
705Kb / 16P
18V/2A Step-Down DC/DC Converter
Rev 1, 23-May-12
logo
ELM Electronics
ELM605DA ELM-ELM605DA Datasheet
827Kb / 13P
2A synchronous step-down DC/DC converter
logo
Diodes Incorporated
AP3419 DIODES-AP3419 Datasheet
471Kb / 9P
2A STEP-DOWN DC-DC BUCK CONVERTER
Rev 3
logo
ARTSCHIP ELECTRONICS CO...
MPS1410 ARTSCHIP-MPS1410 Datasheet
350Kb / 7P
2A Step Down DC/DC Converter
logo
Maxim Integrated Produc...
MAX15020 MAXIM-MAX15020_V01 Datasheet
2Mb / 18P
2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
2014
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com