Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C566C-RFF-RFE-AFF-AFE Datasheet (PDF) - Cree LED

C566C-RFF-RFE-AFF-AFE Datasheet PDF - Cree LED
Part # C566C-RFF-RFE-AFF-AFE
Download  C566C-RFF-RFE-AFF-AFE Download
File Size   609.78 Kbytes
Page   9 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description Screen Master® 5-mm Oval LEDs: C566C-RFF/RFE/AFF/AFE

C566C-RFF-RFE-AFF-AFE Datasheet (PDF)

Go To PDF Page Download Datasheet
C566C-RFF-RFE-AFF-AFE Datasheet PDF - Cree LED

Part # C566C-RFF-RFE-AFF-AFE
Download  C566C-RFF-RFE-AFF-AFE Click to download

File Size   609.78 Kbytes
Page   9 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description Screen Master® 5-mm Oval LEDs: C566C-RFF/RFE/AFF/AFE

C566C-RFF-RFE-AFF-AFE Datasheet (HTML) - Cree LED


C566C-RFF-RFE-AFF-AFE Product details

APPLICATIONS
• Electronic Signs & Signals (ESS)
• Full Color Video Screen
• Digital Billboards
• Motorway Signs
• Variable Message Sign (VMS)
• Advertising Signs
• Petrol Signs

FEATURES
• Size (mm): 5
• Color and Typical Dominant
Wavelength:
Red (621nm)
Amber(591nm)
• Luminous Intensity (mcd)
C566C-RFF/RFE: (1520-4180)
C566C-AFF/AFE: (1520-4180)
• Viewing angle:
70 X 35 degree
• Lead - Free
• RoHS Compliant




Similar Part No. - C566C-RFF-RFE-AFF-AFE

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C566C-RFF-CU0V0BB1 CREE-C566C-RFF-CU0V0BB1 Datasheet
904Kb / 10P
Cree Screen Master 5-mm Oval LED
C566C-RFF-CU0V0BB2 CREE-C566C-RFF-CU0V0BB2 Datasheet
904Kb / 10P
Cree Screen Master 5-mm Oval LED
C566C-RFF-CU0W0BB1 CREE-C566C-RFF-CU0W0BB1 Datasheet
904Kb / 10P
Cree Screen Master 5-mm Oval LED
C566C-RFF-CU0W0BB2 CREE-C566C-RFF-CU0W0BB2 Datasheet
904Kb / 10P
Cree Screen Master 5-mm Oval LED
C566C-RFF-CV0W0BB1 CREE-C566C-RFF-CV0W0BB1 Datasheet
904Kb / 10P
Cree Screen Master 5-mm Oval LED
More results


Similar Description - C566C-RFF-RFE-AFF-AFE

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C4SMC-RGF CREE-C4SMC-RGF Datasheet
848Kb / 9P
Cree Screen Master 4-mm Oval LED
C4SMG-RJF CREE-C4SMG-RJF Datasheet
788Kb / 9P
Cree Screen Master 4-mm Oval LED
C5SMF-RJF CREE-C5SMF-RJF Datasheet
941Kb / 11P
Cree Screen Master 5-mm Oval LED
C566C-RFF CREE-C566C-RFF Datasheet
904Kb / 10P
Cree Screen Master 5-mm Oval LED
C566D-RFF CREE-C566D-RFF Datasheet
860Kb / 12P
Cree Screen Master 5-mm Oval LED
C4SMF-RJF CREE-C4SMF-RJF Datasheet
732Kb / 9P
Cree Screen Master 4-mm Oval LED
C4SMF-RJS CREE-C4SMF-RJS Datasheet
975Kb / 9P
Cree Screen Master 4-mm Oval LED
C4SMK-RJF CREE-C4SMK-RJF Datasheet
761Kb / 9P
Cree Screen Master 4-mm Oval LED
C4SMM-RJF CREE-C4SMM-RJF Datasheet
819Kb / 9P
Cree Screen Master 4-mm Oval LED
C5SMF-AJF CREE-C5SMF-AJF Datasheet
879Kb / 8P
Cree Screen Master 5-mm Oval LED
More results




About Cree LED


Cree LED is a product line of LED lighting products offered by Cree, Inc., a semiconductor company based in Durham, North Carolina. Cree LED lighting products include bulbs, fixtures, and chips, which are used in a variety of applications, including residential, commercial, and industrial lighting.

Cree LED lighting products are known for their high quality, energy efficiency, and long lifespan. The company's LED bulbs are designed to last up to 25 times longer than traditional incandescent bulbs, while using up to 85% less energy. Cree LED fixtures offer a range of options for different applications, including indoor and outdoor lighting, and are known for their high efficiency, superior light quality, and long lifespan.

In addition to its LED lighting products, Cree also offers a range of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as power electronics products, that are used in a variety of applications, including automotive, aerospace, and defense. Cree is committed to developing new and innovative products that meet the evolving needs of its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com