Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C566C-RFF-RFE-AFF-AFE Datasheet(PDF) 7 Page - Cree LED

Part # C566C-RFF-RFE-AFF-AFE
Description  Screen Master® 5-mm Oval LEDs: C566C-RFF/RFE/AFF/AFE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

C566C-RFF-RFE-AFF-AFE Datasheet(HTML) 7 Page - Cree LED

  C566C-RFF-RFE-AFF-AFE Datasheet HTML 1Page - Cree LED C566C-RFF-RFE-AFF-AFE Datasheet HTML 2Page - Cree LED C566C-RFF-RFE-AFF-AFE Datasheet HTML 3Page - Cree LED C566C-RFF-RFE-AFF-AFE Datasheet HTML 4Page - Cree LED C566C-RFF-RFE-AFF-AFE Datasheet HTML 5Page - Cree LED C566C-RFF-RFE-AFF-AFE Datasheet HTML 6Page - Cree LED C566C-RFF-RFE-AFF-AFE Datasheet HTML 7Page - Cree LED C566C-RFF-RFE-AFF-AFE Datasheet HTML 8Page - Cree LED C566C-RFF-RFE-AFF-AFE Datasheet HTML 9Page - Cree LED  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SCREEN MASTER® 5-MM OVAL LEDs C566C-RFF/RFE/AFF/AFE
© 2021-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo and the Cree LED logo are registered
trademarks of Cree LED.
CLD-CT1241
REV 5
7
KIT NUMBER SYSTEM
Cree LED lamps are tested and sorted into performance bins. A bin is specified by ranges of color, forward voltage, and brightness. Sorted
LEDs are packaged for shipping in various convenient options.
Cree LEDs are sold by order codes in combinations of bins called kits. Order codes are configured in the following manner:
CCCCC-DX G -XHHKKMN T
D - Colo r
CCCCC - Produc t Serie s
G - Optio n
S : S tando f f
N : N o S tan d o f f
B : Bl ack F ac e
W : W h i te Fa c e
A : Black Bod y
E: Iron Lead Frame without standoff
F : Iron Lead Frame with Standoff
Y: Tin free Stopper/Iron Lead Frame
X: Tin free No Stopper/Iron Lead Frame
M - Min. W avel e ngth/Chromatici t y Rang e
R ef e r to o r d er c o de t a b l e
N - Max. W ave l ength/Chromaticity Rang e
R : S e l ect 1 hue fr o m 4 hue b i n s
S : S e l ect 1 hue fr o m 3 h ue b i n s
T : Select 1 hu e f r o m 2 h u e bin s
U : S e l ect 2 hue fr o m 4 hue b i n s
V : S e l ect 2 hue fr o m 3 h ue b i n s
T - Packaging Typ e
1 : B u l k P a c k
2 : Ammo Pac k
3 : Ta p e & R ee l ( R o ll P ac k )
4 : T u b e Pa c k
HH - Minim u m I ntensity Bi n
R ef e r to o rde r cod e t ab l e
KK - Maximum In t ensity Bi n
R ef e r to o rde r cod e t ab l e
* Pl ease contact our sa l es representat i ve for order i ng i nfor m at io n .



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com