Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C566C-RFF-RFE-AFF-AFE Datasheet(PDF) 6 Page - Cree LED

Part # C566C-RFF-RFE-AFF-AFE
Description  Screen Master® 5-mm Oval LEDs: C566C-RFF/RFE/AFF/AFE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

C566C-RFF-RFE-AFF-AFE Datasheet(HTML) 6 Page - Cree LED

  C566C-RFF-RFE-AFF-AFE Datasheet HTML 1Page - Cree LED C566C-RFF-RFE-AFF-AFE Datasheet HTML 2Page - Cree LED C566C-RFF-RFE-AFF-AFE Datasheet HTML 3Page - Cree LED C566C-RFF-RFE-AFF-AFE Datasheet HTML 4Page - Cree LED C566C-RFF-RFE-AFF-AFE Datasheet HTML 5Page - Cree LED C566C-RFF-RFE-AFF-AFE Datasheet HTML 6Page - Cree LED C566C-RFF-RFE-AFF-AFE Datasheet HTML 7Page - Cree LED C566C-RFF-RFE-AFF-AFE Datasheet HTML 8Page - Cree LED C566C-RFF-RFE-AFF-AFE Datasheet HTML 9Page - Cree LED  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SCREEN MASTER® 5-MM OVAL LEDs C566C-RFF/RFE/AFF/AFE
© 2021-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo and the Cree LED logo are registered
trademarks of Cree LED.
CLD-CT1241
REV 5
6
MECHANICAL DIMENSIONS
All dimensions are in mm. Tolerance is ±0.25 mm unless otherwise noted.
An epoxy meniscus may extend about 1.5 mm down the leads.
Burr around bottom of epoxy may be 0.5 mm max.
NOTES
Lead Frame Materials
Ag-plated and Lead-free Solder-plated iron.
RoHS Compliance
The levels of RoHS restricted materials in this product are below the maximum concentration values (also referred to as the threshold
limits) permitted for such substances, or are used in an exempted application, in accordance with EU Directive 2011/65/EC (RoHS2), as
implemented January 2, 2013. RoHS Declarations for this product can be obtained from your Cree LED representative or from the Product
Ecology section of the Cree LED website.
Vision Advisory
WARNING: Do not look at an exposed lamp in operation. Eye injury can result.
C566C-RFF/AFF:
C566C-RFE/AFE:



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com