Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C566C-RFF-RFE-AFF-AFE Datasheet(PDF) 5 Page - Cree LED

Part # C566C-RFF-RFE-AFF-AFE
Description  Screen Master® 5-mm Oval LEDs: C566C-RFF/RFE/AFF/AFE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

C566C-RFF-RFE-AFF-AFE Datasheet(HTML) 5 Page - Cree LED

  C566C-RFF-RFE-AFF-AFE Datasheet HTML 1Page - Cree LED C566C-RFF-RFE-AFF-AFE Datasheet HTML 2Page - Cree LED C566C-RFF-RFE-AFF-AFE Datasheet HTML 3Page - Cree LED C566C-RFF-RFE-AFF-AFE Datasheet HTML 4Page - Cree LED C566C-RFF-RFE-AFF-AFE Datasheet HTML 5Page - Cree LED C566C-RFF-RFE-AFF-AFE Datasheet HTML 6Page - Cree LED C566C-RFF-RFE-AFF-AFE Datasheet HTML 7Page - Cree LED C566C-RFF-RFE-AFF-AFE Datasheet HTML 8Page - Cree LED C566C-RFF-RFE-AFF-AFE Datasheet HTML 9Page - Cree LED  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SCREEN MASTER® 5-MM OVAL LEDs C566C-RFF/RFE/AFF/AFE
© 2021-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo and the Cree LED logo are registered
trademarks of Cree LED.
CLD-CT1241
REV 5
5
GRAPHS
The data below are collected from statistical figures that do not necessarily correspond to the actual parameters of each single LED.
Hence, these data will be changed without further notice.
FIG.5 RELATIVE LUMINOUS INTENSITY VS.
(RELATIVE LUMINOUS INTENSITY)
FIG.2 RELATIVE LUMINOUS INTENSITY VS.
FORWARD CURRENT
IF(mA)
WAVELENGTH.
VF(V)
3.4
FORWARD VOLTAGE.
FIG.1 FORWARD CURRENT VS.
20.0
2.2
0.0
2.8
4.0
4.6 5.0
60.0
40.0
80.0
100.0
IF (mA)
WL(nm)
1.6
0.0
1.0
4.0
2.0
3.0
5.0
30
0.0
15
60
45
75
90
-10
REVERSE VOLTAGE.
FIG.3a BLUE & GREEN REVERSE CURRENT VS.
-50
Vr(V)
-30
-40
-20
-40
Ir(uA)
-50
-30
-20
-10
0
0
-60
80%
20%
40%
60%
0%
100%
700
300
500
400
600
800
900
FIG.4a BLUE & GREEN MAXIMUM
FORWARD DC CURRENT VS
AMBIENT TEMPERATURE (Tjmax=105 C)
IF(mA)
Ta( C)
0
30
10
20
50
40
40
20
80
60
100
120
0
(RELATIVE LUMINOUS INTENSITY)
FIG.6 FAR FIELD PATTERN
-90
-60
-30
0
0
0
0.5
1.0
0.5
1.0
30
20
10
40
50
60
70
80
90
H-H
V-V
(RELATIVE LUMINOUS INTENSITY)
Red
Amber
Red
Amber
-10
VS. REVERSE VOLTAGE.
FIG.3b RED & AMBER REVERSE CURRENT
-50
Vr(V)
-30
-40
-20
-40
Ir(uA)
-50
-30
-20
-10
0
0
-60
FIG.4b RED & AMBER MAXIMUM FORWARD
DC CURRENT VS AMBIENT
TEMPERATURE (Tjmax=105 C)
IF(mA)
0
60
20
40
100
80
40
20
80
60
100
120
0
Ta( C)
Amber
Red



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com