Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN4604 Datasheet (PDF) - Analog Devices

ADN4604 Datasheet PDF - Analog Devices
Part # ADN4604
Download  ADN4604 Download
File Size   1432.5 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4.25 Gbps, 16 × 16, Digital Crosspoint Switch

ADN4604 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADN4604 Datasheet PDF - Analog Devices

Part # ADN4604
Download  ADN4604 Click to download

File Size   1432.5 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4.25 Gbps, 16 × 16, Digital Crosspoint Switch

ADN4604 Datasheet (HTML) - Analog Devices


ADN4604 Product details

FEATURES
DC to 4.25 Gbps per port NRZ data rate
Programmable receive equalization
12 dB boost at 2 GHz
Compensates 40 inches of FR4 at 4.25 Gbps
Programmable transmit preemphasis/deemphasis
Up to 12 dB boost at 4.25 Gbps
Compensates 40 inches of FR4 at 4.25 Gbps
Low power: 130 mW per channel at 3.3 V (outputs enabled)
16 × 16, fully differential, nonblocking array
Double rank connection programming with dual connection maps
Low jitter, typically 20 ps
Flexible I/O supply range
DC- or ac-coupled differential CML inputs
Programmable CML output levels
Per-lane input P/N pair inversion for routing ease
50 Ω on-chip I/O termination
Supports 8b/10b, scrambled or uncoded NRZ data
Serial (I2C slave or SPI) control interface
100-lead TQFP, Pb-free package

APPLICATIONS
Fiber optic network switching
High speed serial backplane routing to OC-48 with FEC
XAUI: 10GBASE-KX4
Gigabit Ethernet over backplane: 1000BASE-KX
1×, 2×, and 4× Fibre Channel
InfiniBand®
Digital video (HDMI, DVI, DisplayPort, 3G-/HD-/SD-SDI)
Data storage networks




Similar Part No. - ADN4604

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4604 AD-ADN4604 Datasheet
1Mb / 40P
4.25 Gbps, 16 횞 16, Digital Crosspoint Switch
REV. 0
ADN4604-EVALZ AD-ADN4604-EVALZ Datasheet
1Mb / 40P
4.25 Gbps, 16 횞 16, Digital Crosspoint Switch
REV. 0
ADN4604ASVZ AD-ADN4604ASVZ Datasheet
1Mb / 40P
4.25 Gbps, 16 횞 16, Digital Crosspoint Switch
REV. 0
ADN4604ASVZ-RL AD-ADN4604ASVZ-RL Datasheet
1Mb / 40P
4.25 Gbps, 16 횞 16, Digital Crosspoint Switch
REV. 0
More results


Similar Description - ADN4604

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC018 NSC-CLC018 Datasheet
217Kb / 18P
8 x 8 Digital Crosspoint Switch, 1.4 Gbps
logo
Analog Devices
AD75019 AD-AD75019 Datasheet
72Kb / 4P
16 x 16 Crosspoint Switch Array
AD8150 AD-AD8150 Datasheet
995Kb / 35P
33 x 17, 1.5 Gbps Digital Crosspoint Switch
REV.0
AD8156 AD-AD8156 Datasheet
537Kb / 20P
6.25 Gbps 4횞4 Digital Crosspoint Switch with EQ
5/07-Revision 0
logo
National Semiconductor ...
CLC018 NSC-CLC018_06 Datasheet
663Kb / 17P
8 x 8 Digital Crosspoint Switch, 1.485 Gbps
logo
Analog Devices
ADN4600 AD-ADN4600 Datasheet
1Mb / 28P
4.25 Gbps, 8 횞 8, Asynchronous Crosspoint Switch
REV. 0
ADN4604 AD-ADN4604 Datasheet
1Mb / 40P
4.25 Gbps, 16 횞 16, Digital Crosspoint Switch
REV. 0
ADV3226 AD-ADV3226 Datasheet
606Kb / 24P
750 MHz, 16 x 16 Analog Crosspoint Switch
REV. 0
AD75019JPZ AD-AD75019JPZ Datasheet
76Kb / 4P
16 3 16 Crosspoint Switch Array
REV. C
AD8116JSTZ AD-AD8116JSTZ Datasheet
955Kb / 29P
200 MHz, 16  16 Buffered Video Crosspoint Switch
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com