Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25APQR Datasheet (PDF) - STMicroelectronics

STPMIC25APQR Datasheet PDF - STMicroelectronics
Part # STPMIC25APQR
Download  STPMIC25APQR Download
File Size   7231.72 Kbytes
Page   145 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Highly integrated power management IC for microprocessor units

STPMIC25APQR Datasheet (PDF)

Go To PDF Page Download Datasheet
STPMIC25APQR Datasheet PDF - STMicroelectronics

Part # STPMIC25APQR
Download  STPMIC25APQR Click to download

File Size   7231.72 Kbytes
Page   145 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Highly integrated power management IC for microprocessor units

STPMIC25APQR Datasheet (HTML) - STMicroelectronics


STPMIC25APQR Product details

Features
• Input voltage range from 2.8 V to 5.5 V
• 7 buck SMPS converters with adaptive constant on-time (COT) topology
• 6 adjustable general purpose LDOs
• 1 LDO for DDR3L/DDR4 termination (sink-source), bypass mode for lpDDR or
as a general purpose LDO
• 1 LDO for USB PHY supply with automatic power source detection
• 1 reference voltage VREFDDR LDO for DDR memory
• 2 MHz switching frequency buck converters with forced PWM and spread
spectrum function
• User programmable non-volatile memory (NVM), enabling scalability to support
a wide range of applications
• Immediate output alternate settings toggle by dedicated power control pins
• Programmable output voltages turn ON/OFF sequences
• I²C and digital IO control interfaces
• WFQFN 56L (6.5 x 6.5 x 0.9 mm)

Applications
• Power management for embedded microprocessor units
• Wearable and IoT
• Portable devices
• Man-machine interfaces
• Smart home
• Power management unit companion chip of the STM32MP2 MPU




Similar Part No. - STPMIC25APQR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPMIC1 STMICROELECTRONICS-STPMIC1 Datasheet
8Mb / 140P
Highly integrated power management IC for micro processor units
Rev 7 - December 2020
STPMIC1 STMICROELECTRONICS-STPMIC1 Datasheet
296Kb / 6P
Evaluation board for high integration STPMIC1x power management IC for microprocessor units
November 2019
STPMIC1APQR STMICROELECTRONICS-STPMIC1APQR Datasheet
8Mb / 140P
Highly integrated power management IC for micro processor units
Rev 7 - December 2020
STPMIC1BPQR STMICROELECTRONICS-STPMIC1BPQR Datasheet
8Mb / 140P
Highly integrated power management IC for micro processor units
Rev 7 - December 2020
STPMIC1CPQR STMICROELECTRONICS-STPMIC1CPQR Datasheet
8Mb / 140P
Highly integrated power management IC for micro processor units
Rev 7 - December 2020
More results


Similar Description - STPMIC25APQR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1702B MAXIM-MAX1702B Datasheet
820Kb / 19P
Triple-Output Power-Management IC for Microprocessor-Based Systems
Rev 0; 4/02
logo
Infineon Technologies A...
PMB6821 INFINEON-PMB6821 Datasheet
250Kb / 2P
SM-Power3 - Highly Integrated Power Management Units for Feature Rich Mobile Devices
logo
Maxim Integrated Produc...
MAX1702BETX MAXIM-MAX1702BETX Datasheet
820Kb / 19P
Triple-Output Power-Management IC for Microprocessor-Based Systems
Rev 0; 4/02
logo
Intersil Corporation
ISL95906 INTERSIL-ISL95906 Datasheet
126Kb / 2P
Integrated Power Management IC for VR12.6??Platform
December 24, 2014
logo
Dialog Semiconductor
DA6021 DIALOG-DA6021 Datasheet
361Kb / 2P
DA6021 Highly integrated power management IC for new
logo
Renesas Technology Corp
ISL95852 RENESAS-ISL95852 Datasheet
189Kb / 2P
Integrated Power Management IC for IMVP8??Platforms
ISL95906 RENESAS-ISL95906 Datasheet
193Kb / 2P
Integrated Power Management IC for VR12.6??Platforms
logo
STMicroelectronics
STPMIC1 STMICROELECTRONICS-STPMIC1 Datasheet
8Mb / 140P
Highly integrated power management IC for micro processor units
Rev 7 - December 2020
STEVAL-PMIC1K1 STMICROELECTRONICS-STEVAL-PMIC1K1 Datasheet
296Kb / 6P
Evaluation board for high integration STPMIC1x power management IC for microprocessor units
November 2019
logo
Renesas Technology Corp
DA6021 RENESAS-DA6021 Datasheet
4Mb / 225P
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
31-Jan-14
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com