Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25APQR Datasheet(PDF) 9 Page - STMicroelectronics

Part # STPMIC25APQR
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25APQR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STPMIC25APQR Datasheet HTML 5Page - STMicroelectronics STPMIC25APQR Datasheet HTML 6Page - STMicroelectronics STPMIC25APQR Datasheet HTML 7Page - STMicroelectronics STPMIC25APQR Datasheet HTML 8Page - STMicroelectronics STPMIC25APQR Datasheet HTML 9Page - STMicroelectronics STPMIC25APQR Datasheet HTML 10Page - STMicroelectronics STPMIC25APQR Datasheet HTML 11Page - STMicroelectronics STPMIC25APQR Datasheet HTML 12Page - STMicroelectronics STPMIC25APQR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 145 page
background image
3.4
Electrical and timing parameter specifications
All parameters are specified at VIN = VBUCKxIN = VLDOxIN = 5 V, VOUT1 = 0.85 V, VOUT2 = 0.85 V, VOUT3 = 0.85 V,
VOUT4 = 3.3 V, VOUT5 = 1.8 V, VOUT6 = 1.1 V, VOUT7 = 3.3 V, VLDO1OUT = 1.8 V, VLDO2OUT = VLDO5OUT =
VLDO6OUT = VLDO7OUT = VLDO8OUT = 2.9 V, VLDO3OUT = 1.8 V, VLDO4OUT = 3.3 V, VIO = VOUT4, Tj = -40 °C to
+125 °C, with recommended BOM, unless otherwise specified.
3.4.1
General section
Table 7. Electrical and timing parameter specifications (general section)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
General section
VIN
Input voltage range
2.8
3.6 or 5
5.5
V
VINPOR_Rise VIN POR rising threshold
2.2
2.3
2.4
V
VINPOR_Fall
VIN POR falling threshold
2.1
2.2
V
VINOK_Rise
VINOK rising threshold
Programmable value defined in the NVM register
3
3.1
3.2
V
3.2
3.3
3.4
3.35
3.5
3.6
3.8
4.0
4.1
VINOK_HYST VINOK hysteresis
Programmable value defined in the NVM register
200
300
400
500
mV
VINOK_Fall
VINOK falling threshold
Defined indirectly by VINOK_Rise and VINOK_HYST
settings
VINOK_Rise
-
VINOK_HYST
mV
tVINOK_Fall
VINOK falling delay
When VIN is crossing VINOK_Fall, PMIC power-down
then cannot restart before tVINOK_Fall delay, even if
VIN > VINOK_Rise
100
ms
VINLOW_Rise VINLOW rising threshold
Programmable value defined in register VINLOW_CR
+30
+300
VINOK_Fall +50
to
VINOK_Fall +400
+80
+500
mV
VINLOW_HYST VINLOW hysteresis
Programmable value defined in register VINLOW_CR
90
100
110
mV
180
200
220
270
300
330
360
400
440
VINLOW_Fall VINLOW falling threshold
Defined indirectly by VINLOW_Rise and VINLOW_HYST
settings
VINLOW_Rise
+
VINLOW_HYST
mV
VBUS_Rise
VBUS rising threshold
3.6
3.8
4.0
V
VBUS_Fall
VBUS falling threshold
2.0
2.2
2.4
V
tVBUSDB
VBUS debounce filter
duration
30
ms
TWRN_Rise
Warning temperature
rising
115
125
135
°C
STPMIC25
Electrical and timing characteristics
DS14278 - Rev 3
page 9/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com