Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25APQR Datasheet(PDF) 49 Page - STMicroelectronics

Part # STPMIC25APQR
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25APQR Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STPMIC25APQR Datasheet HTML 45Page - STMicroelectronics STPMIC25APQR Datasheet HTML 46Page - STMicroelectronics STPMIC25APQR Datasheet HTML 47Page - STMicroelectronics STPMIC25APQR Datasheet HTML 48Page - STMicroelectronics STPMIC25APQR Datasheet HTML 49Page - STMicroelectronics STPMIC25APQR Datasheet HTML 50Page - STMicroelectronics STPMIC25APQR Datasheet HTML 51Page - STMicroelectronics STPMIC25APQR Datasheet HTML 52Page - STMicroelectronics STPMIC25APQR Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 145 page
background image
5.4.6
Power control management (PWRCTRLx)
PWRCTRL1, PWRCTRL2, and PWRCTRL3 are digital inputs controlled from an application processor (see
Section 5.3.5). They are dedicated to managing different application power modes or special regulator reset
features.
PWRCTRL1, PWRCTRL2, PWRCTRL3 can be independently muxed onto each regulator instance (BUCKx or
LDOx).
For example, BUCK1 may be controlled by PWRCTRL2, and BUCK2, BUCK7, and LDO8 can be controlled by
PWRCTRL1, and so on.
A regulator instance can be controlled from a single PWRCTRL signal.
For each regulator instance, a PWRCTRL input can be used either to:
•
Switch between the xxx_MAIN_CR register or the xxx_ALT_CR register of a regulator (where xxx is the
regulator instance)
–
The regulator behaves according to the selected xxx_MAIN_CR or xxx_ALT_CR register
•
Reset a regulator instance to its default value (from the NVM)
PWRCTRL1, PWRCTRL2, or PWRCTRL3 can be used to switch the PMIC state machine RUN to STANDBY (see
Table 21).
PWRCTRL1, PWRCTRL2, or PWRCTRL3 can be used to suspend the watchdog, typically when the AP is in low-
power mode.
The Figure 15 provides the logic circuitry principle showing:
•
How a buck converter is controlled from a PWRCTRLx
•
How the PMIC state machine is driven to switch between RUN <=> STANDBY states
Figure 15. PWRCTRLx logic circuitry principle (TO BE CONTROLLE BY DESIGN)
PWRCTRL1
3
2
1
0
1
PWRCTRL_SEL[1:0]
1
0
PWRCTRL1_POL
delay high
delay low
PWRCTRL_DLY_H[1:0]
PWRCTRL_DLY_L[1:0]
0
1
1
PWRCTRL_EN && !PWRCTRL_RST
0
1
BUCKxIN
BUCKx
(or LDOx)
DAC
HP/LP
REF
EN
VOUT[6:0]
PREG_MODE
EN
AND
DISABLEn
VLXx
VOUTx
0
1
1
PWRCTRL_RST && !PWRCTRL_EN
AND
rst_n_i
(internal PMIC register init)
to other regulators
PWRCTRLx pull-up, pull-down, Schmitt trigger
and deglitch not shown
PMIC
PWRCTRL2
1
0
PWRCTRL2_POL
PWRCTRL3
1
0
PWRCTRL3_POL
DELAYout
DELAYin
RSTn
3
2
1
0
1
STANDBY_PWRCTRL_SEL[1:0]
1 = RUN
0 = STANDBY
PMIC state machine
Christophe Belet
ST Microelectronics
BUCKx_ALT_CR
RSTn
christophe belet STM
BUCKx_MAIN_CR
3
2
1
0
1
WDG_PWRCTRL_SEL[1:0]
1 = RUN
0 = SUSPEND
WATCHDOG
PWRCTRL1_POL, PWRCTRL2_POL, and PWRCTRL3_POL bits set the polarity of PWRCTRL1, PWRCTRL2,
and PWRCTRL3, respectively. Those settings are applicable for all regulators (not linked to a single regulator).
PWRCTRLx_POL: polarity of PWRCTRLx signal (with x= 1,2,3): 0: active low; 1: active high.
See Table 26.
STPMIC25
Feature descriptions
DS14278 - Rev 3
page 49/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com