Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25APQR Datasheet(PDF) 55 Page - STMicroelectronics

Part # STPMIC25APQR
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25APQR Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STPMIC25APQR Datasheet HTML 51Page - STMicroelectronics STPMIC25APQR Datasheet HTML 52Page - STMicroelectronics STPMIC25APQR Datasheet HTML 53Page - STMicroelectronics STPMIC25APQR Datasheet HTML 54Page - STMicroelectronics STPMIC25APQR Datasheet HTML 55Page - STMicroelectronics STPMIC25APQR Datasheet HTML 56Page - STMicroelectronics STPMIC25APQR Datasheet HTML 57Page - STMicroelectronics STPMIC25APQR Datasheet HTML 58Page - STMicroelectronics STPMIC25APQR Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 145 page
background image
Figure 19. Thermal protection thresholds
Tj°
TWRN_Rise
THW_RI Interrupt
THW_FA Interrupt
TSHDN_Rise
TWRN_Fall
TSHDN_Fall
5.4.9
Overcurrent (OCP) and Hiccup mode
All regulators implement protection against overcurrent (OC) on their output.
Note:
Short-circuits (SC) are managed by the overcurrent protection.
For each regulator, the PMIC embeds 2 levels of protection against overcurrent and short-circuits:
•
Level 0 (default): independent regulator OCP Hiccup mode management
•
Level 1: PMIC OCP fail-safe management (see Section 5.4.5)
•
The default level of protection is defined in the NVM (NVM_FS_OCP_SHR1/2) for each regulator, and can
be changed at runtime by software (FS_OCP_CR1/2)
5.4.9.1
Level 0: independent regulator OCP Hiccup mode management
Each PMIC regulator operates independently in Hiccup mode:
•
When a short-circuit or an overcurrent occurs, the output current is limited to ILDOLIM (for LDO) and IBKLIM
(for buck).
•
If the SC or OC lasts more than tOCPDB_LDO or tOCPDB_BUCK (respectively for LDO or buck):
–
The regulator turns OFF for the tHICCUP_DLY duration
–
An interrupt is generated (if the interrupt is unmasked by software)
•
Once the tHICCUP_DLY timer elapses, the regulator turns ON
–
If the SC or OC is removed, the LDO operates normally
–
If the SC or OC stays present, the regulator goes into step 1, repeating the cycle until the overload
disappears (hiccup)
Notes:
•
1) When the tHICCUP_DLY timer duration is set to 0, the regulator is turned-OFF (interrupt-generated) and it
does not restart (step 3 is skipped).
•
2) The tHICCUP_DLY timer duration can be adjusted in the NVM by setting the HICCUP_DLY[1:0] bit field in
the NVM_BUCKS_IOUT_SHR2 shadow register then programming the NVM.
•
3) The tHICCUP_DLY timer is reset if a POWER_DOWN occurs at the same time. In this way, the IP can
restart with its assigned RANK at the next POWER_UP. This happens even if the mask reset is set and/or
tHICCUP_DLY is set to ‘0’.
STPMIC25
Feature descriptions
DS14278 - Rev 3
page 55/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com