Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25APQR Datasheet(PDF) 31 Page - STMicroelectronics

Part # STPMIC25APQR
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25APQR Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STPMIC25APQR Datasheet HTML 27Page - STMicroelectronics STPMIC25APQR Datasheet HTML 28Page - STMicroelectronics STPMIC25APQR Datasheet HTML 29Page - STMicroelectronics STPMIC25APQR Datasheet HTML 30Page - STMicroelectronics STPMIC25APQR Datasheet HTML 31Page - STMicroelectronics STPMIC25APQR Datasheet HTML 32Page - STMicroelectronics STPMIC25APQR Datasheet HTML 33Page - STMicroelectronics STPMIC25APQR Datasheet HTML 34Page - STMicroelectronics STPMIC25APQR Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 145 page
background image
4.3
Buck converters
General description
The STPMIC25 includes 7 buck converters that are optimized to supply circuits with high current consumption
and meet fast transient response requirements.
All converters are based on an adaptive constant-on-time controller (COT) that guarantees an excellent transient
response and high efficiency across a wide range of operating conditions.
Each converter can work in two power modes: HP mode and LP mode. These modes differ both in performance
and quiescent current consumption. The highest performance can be reached in HP mode.
While in LP mode, the STPMIC25 has a much lower consumption and reduced general buck converter
performance.
The switching frequency of the converter is typically 2 MHz in a steady-state CCM condition.
In a typical MPU application:
•
BUCK1 is primarily dedicated to supply power to the VDDCPU domain.
•
BUCK2 is primarily dedicated to supply power to the VDDCORE domain.
•
BUCK3 is primarily dedicated to supply power to the VDDGPU domain.
•
BUCK4 is primarily dedicated to supply power to the VDD (VIO) domain.
•
BUCK5 is primarily dedicated to supply power to the VDDA18 domain.
•
BUCK6 is primarily dedicated to supply power to the DDR memory and VDDQDDR domains.
•
BUCK7's general purpose is to supply power to application peripherals.
BUCK1, BUCK2, BUCK3, BUCK6, and BUCK7 have excellent load transient responses across operating
conditions.
BUCK4 and BUCK5 supply sensitive power domains and they have a low output voltage ripple across operating
conditions.
STPMIC25
Power regulator descriptions
DS14278 - Rev 3
page 31/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com