Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25APQR Datasheet(PDF) 21 Page - STMicroelectronics

Part # STPMIC25APQR
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25APQR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STPMIC25APQR Datasheet HTML 17Page - STMicroelectronics STPMIC25APQR Datasheet HTML 18Page - STMicroelectronics STPMIC25APQR Datasheet HTML 19Page - STMicroelectronics STPMIC25APQR Datasheet HTML 20Page - STMicroelectronics STPMIC25APQR Datasheet HTML 21Page - STMicroelectronics STPMIC25APQR Datasheet HTML 22Page - STMicroelectronics STPMIC25APQR Datasheet HTML 23Page - STMicroelectronics STPMIC25APQR Datasheet HTML 24Page - STMicroelectronics STPMIC25APQR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 145 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VOUT-LO
Load transient
regulation(4)
LP mode, 0 < IOUT < 50 mA, ΔIOUT = 50 mA, tR = tF = 500 ns
mV
30
VOUT-LI
Line transient
regulation
ΔVBUCKIN = 600 mV, IOUT = 500 mA, tR = tF = 10 μs, HP mode
2
VOUT-OVR
Power-up overshoot
2.8 V < VBUCKIN < 5.5 V, IOUT = 1 mA, TA = 25 °C
5
tLP-HP-BCK
Recovery time from LP
to HP mode
VOUT_LP = VOUT_HP
60 (4)
µs
tSU_BCK
Startup delay (delay
before voltage starts to
rise)
Delay time from PWRCTRL signal
(PWRCTRL_DLY = 0)
25 (3)
40 (4)
tSS_BCK
Soft-start duration
2.8 V < VBUCKIN < 5.5 V, 1 mA < IOUT < 100 mA, VOUT- = 1.5 V
235
400
SRBCK
Output voltage slew
rate
Slew rate during startup
3.7
6.3
mV/µs
DVS slew rate of a voltage programmed change low to high or high to
low, from VOUT = 0.5 V to 1.5 V
1
3.1
tSD_BCK
Shutdown duration
From VOUT = 1.5 V to VOUT < 0.2 V, 2.8 V < VBUCKIN < 5.5 V,
IOUT< 1 mA, slow PD
1.5
ms
From VOUT=1.5 V to VOUT <0.2 V, 2.8 V < VBUCKIN < 5.5 V,
IOUT < 1 mA, fast PD
0.3
1. Guaranteed by design - not tested in production. Load transient performances are strongly impacted by the external passive component
characteristics. The load transient is also influenced by the parasitic elements of the PCB layout. For more info see the forthcoming AN.
2. The output ripple voltage is the result of the inductor ripple current flowing through the output capacitor and depends on the capacitance
value, ESR, and ESL. The actual output ripple voltage is also influenced by the parasitic elements of the PCB layout.
3. See 1: startup sequence.
4. Guaranteed by design - not tested in production.
3.4.11
BUCK4, BUCK5
Table 16. Electrical and timing parameter specifications (BUCK4, BUCK5)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
BUCK4, BUCK5
VBUCKIN
Main input voltage
range
2.8
5.5
V
VOUT
Output voltage
VBUCKIN > Vout + 0.8 V, VBUCKIN > 2.8 V
Programmable value
1.5 to
4.2
Voltage programming step
100
mV
VOUT-ACC
Output voltage open
loop accuracy
HP mode
1.5 V < VOUT < 3.3 V
-1.5
+1.5
%
LP mode
-4
+4
VOUT-REG
Output load
regulation (1)
HP mode, CCM mode
1 mA < IOUT < 0.5 A
-1
+1
%
VOUT-RIPP
Output voltage ripple
(2)
HP mode, 3.0 V < VBUCKIN < 5.5 V, 1.5 V < VOUT < 3.3 V
5 mA < IOUT < 500 mA
10
mVPP
HP mode, IOUT = 500 mA
3
Forced PWM mode ON, HP mode, IOUT = 250 mA
1
LP mode, IOUT = 50 mA
20
STPMIC25
Electrical and timing characteristics
DS14278 - Rev 3
page 21/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com