Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25APQR Datasheet(PDF) 13 Page - STMicroelectronics

Part # STPMIC25APQR
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25APQR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STPMIC25APQR Datasheet HTML 9Page - STMicroelectronics STPMIC25APQR Datasheet HTML 10Page - STMicroelectronics STPMIC25APQR Datasheet HTML 11Page - STMicroelectronics STPMIC25APQR Datasheet HTML 12Page - STMicroelectronics STPMIC25APQR Datasheet HTML 13Page - STMicroelectronics STPMIC25APQR Datasheet HTML 14Page - STMicroelectronics STPMIC25APQR Datasheet HTML 15Page - STMicroelectronics STPMIC25APQR Datasheet HTML 16Page - STMicroelectronics STPMIC25APQR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 145 page
background image
3.4.4
LDO2, LDO5, LDO6, LDO7
Table 10. Electrical and timing parameter specifications (LDO2/5/6/7)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
LDO2, LDO5, LDO6, LDO7 (normal mode)
VLDOIN
Main input voltage range
2.8
5.5
V
VLDOOUT
Output voltage
VLDOIN > VLDOOUT+VLDODROP
Programmable value.
0.9 to 4.0
Voltage programming step
100
mV
VLDOOUT-ACC Output voltage accuracy
VLDOIN = 3.6 V or 5.0 V
1.7 V < VLDOOUT < 3.3 V
100 µA < ILDOOUT < 350 mA
-2
2
%
ILDOLIM
Output current limitation
2.8 V < VLDOIN < 5.5 V
ILDOLIM programmable in NVM_LDOS_IOUT_SHR
Ref. Table 1 NVM setting A and B versions
50
100
200
400
75
150
300
600
mA
ILDOxxQ
Total quiescent current
ILDOOUT = 0 mA, VLDOIN = 5 V
Measured from the related common input pin,
LDOxxIN
4
20
µA
ILDOxxIN_LKG Input leakage current
LDOx output disabled
Measured from the related common input pin,
LDOxxIN
2
VLDODROP
Dropout voltage
VLDOOUT = 2.9 V, ILDOOUT = 350 mA
180
300
mV
VLDOOUT-LO
Load transient regulation
ILDOOUT = 1 mA to 180 mA, tR = tF = 1 µs
35
VLDOOUT-LI
Line transient regulation
VLDOIN = 3.0 V to 3.6 V, tR = tF = 10 μs
10
PSRRLDO
Power supply rejection ratio
ΔVLDOIN = 300 mVPP, f = [0.1:20] kHz, Tj = 25 °C,
ILDOOUT = 200 mA
43
dB
ΔVLDOIN = 300 mVPP, f = [20:100] kHz, Tj = 25 °C,
ILDOOUT = 200 mA
37
tSSLDO
Soft-start duration
2.8 V < VLDOIN < 5.5 V, 0 < ILDOOUT < 1 mA
COUT = 4.7 µF, VLDOOUT = 1.2 V
160
µs
VLDOOUT-SO Startup overshoot
2.8 V < VLDOIN < 5.5 V, 1.7 V < VLDOOUT < 3.3 V
ILDOOUT < 10 µA
1
%
tSDLDO
Shutdown duration
Pull-down enabled, VLDOOUT = from 3.3 V to 0.2 V,
ILDOOUT = no load
1.5
ms
LDO2, LDO5, LDO6, LDO7 (bypass mode)
VLDOIN-BP
Main input voltage range
2.8
5.5
V
RDSONLDO-BP Bypass on resistance
2.8 V < VLDOIN < 5.5 V
290
mΩ
ILDOLIM-BP
Output current limitation (1)
Note: use the same range than in normal mode.
Programmable value
200
400
300
600
mA
tSSLDO-BP
Soft-start duration
2.8 V < VLDOIN < 5.5 V, 0 < ILDOOUT < 1 mA
COUT = 4.7 µF, ILDOLIM = 400 mA,
120
µs
STPMIC25
Electrical and timing characteristics
DS14278 - Rev 3
page 13/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com