Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25APQR Datasheet(PDF) 35 Page - STMicroelectronics

Part # STPMIC25APQR
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25APQR Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STPMIC25APQR Datasheet HTML 31Page - STMicroelectronics STPMIC25APQR Datasheet HTML 32Page - STMicroelectronics STPMIC25APQR Datasheet HTML 33Page - STMicroelectronics STPMIC25APQR Datasheet HTML 34Page - STMicroelectronics STPMIC25APQR Datasheet HTML 35Page - STMicroelectronics STPMIC25APQR Datasheet HTML 36Page - STMicroelectronics STPMIC25APQR Datasheet HTML 37Page - STMicroelectronics STPMIC25APQR Datasheet HTML 38Page - STMicroelectronics STPMIC25APQR Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 145 page
background image
4.3.2
Buck output voltage settings
Table 20. Buck output voltage settings
VOUT[6:0]
(decimal)
VOUT[V]
BUCK1/2/3/6
VOUT[V]
BUCK4/5/7
Step 10 mV
0
0.50
1.5
1
0.51
1.5
2
0.52
1.5
3
0.53
1.5
4
0.54
1.5
5
0.55
1.5
6 to 94
...
1.5
95
1.45
1.5
96
1.46
1.5
97
1.47
1.5
98
1.48
1.5
99
1.49
1.5
100
1.50
1.5
Step 100 mV
101
1.50
1.6
102
1.50
1.7
103
1.50
1.8
104
1.50
1.9
105
1.50
2.0
106 to 122
1.50
...
123
1.50
3.8
124
1.50
3.9
125
1.50
4.0
126
1.50
4.1
127
1.50
4.2
STPMIC25
Power regulator descriptions
DS14278 - Rev 3
page 35/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com