Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25APQR Datasheet(PDF) 12 Page - STMicroelectronics

Part # STPMIC25APQR
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25APQR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STPMIC25APQR Datasheet HTML 8Page - STMicroelectronics STPMIC25APQR Datasheet HTML 9Page - STMicroelectronics STPMIC25APQR Datasheet HTML 10Page - STMicroelectronics STPMIC25APQR Datasheet HTML 11Page - STMicroelectronics STPMIC25APQR Datasheet HTML 12Page - STMicroelectronics STPMIC25APQR Datasheet HTML 13Page - STMicroelectronics STPMIC25APQR Datasheet HTML 14Page - STMicroelectronics STPMIC25APQR Datasheet HTML 15Page - STMicroelectronics STPMIC25APQR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 145 page
background image
3.4.3
LDO1 (VDDA18AON)
Table 9. Electrical and timing parameter specifications (LDO1)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
LDO1
VLDOIN
Main input voltage range
2.8
5.5
V
VLDOOUT
Output voltage
1.8
VLDOOUT-ACC Output voltage accuracy
2.8 V < VLDOIN < 5.5 V, 10 µA < ILDOOUT < 20 mA
-4
+4
%
ILDOLIM
Output current limitation
2.8 V < VLDOIN < 5.5 V
20
30
mA
ILDO12Q
Total quiescent current
ILDOOUT = 0 mA
Measured from the related common input pin, LDO12IN
10
µA
ILDO12IN_LKG Input leakage current
LDO1 output disabled, Tj = 25 °C
Measured from common input pin, LDO12IN
2
VLDOOUT-LO Load transient regulation
ILDOOUT = 10 µA to 10 mA, tR = tF = 1 µs
10
mV
VLDOOUT-LI
Line transient regulation
VLDOIN = 3.0 V to 3.6 V,
ILDOOUT = 0, tR = tF = 10 μs
5
PSRRLDO
Power supply rejection ratio
ΔVLDOIN = 300 mVPP, f = [0.1:20] kHz, Tj = 25 °C,
ILDOOUT = 10 mA
50
dB
ΔVLDOIN = 300 mVPP, f = [20:100] kHz, Tj = 25 °C,
ILDOOUT = 10 mA
45
N
Output noise
ILDOOUT = 10 µA to 10 mA, f = 10 Hz to 5 MHz,
Tj = 25 °C, all bucks enabled
250
µVRMS
tSSLDO
Soft-start duration
2.8 V < VLDOIN < 5.5 V, 0 < ILDOOUT < 1 mA,
COUT = 4.7 µF
230
µs
VLDOOUT-SO Startup overshoot
2.8 V < VLDOIN < 5.5 V, ILDOOUT < 10 µA
1
%
tSDLDO
Shutdown duration
Pull-down enabled, VLDOOUT= 1.8 V to VLDOOUT = 0.2 V,
ILDOOUT = no load
1.5
ms
STPMIC25
Electrical and timing characteristics
DS14278 - Rev 3
page 12/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com