Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25APQR Datasheet(PDF) 23 Page - STMicroelectronics

Part # STPMIC25APQR
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25APQR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STPMIC25APQR Datasheet HTML 19Page - STMicroelectronics STPMIC25APQR Datasheet HTML 20Page - STMicroelectronics STPMIC25APQR Datasheet HTML 21Page - STMicroelectronics STPMIC25APQR Datasheet HTML 22Page - STMicroelectronics STPMIC25APQR Datasheet HTML 23Page - STMicroelectronics STPMIC25APQR Datasheet HTML 24Page - STMicroelectronics STPMIC25APQR Datasheet HTML 25Page - STMicroelectronics STPMIC25APQR Datasheet HTML 26Page - STMicroelectronics STPMIC25APQR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 145 page
background image
3. Guaranteed by design - not tested in production.
4. See 1: startup sequence.
3.4.12
BUCK7
Table 17. Electrical and timing parameter specifications (BUCK7)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
BUCK7
VBUCKIN
Main input voltage
range
2.8
5.5
V
VOUT
Output voltage
VBUCKIN > Vout 0.8 V, VBUCKIN > 2.8 V programmable value
1.5 to
4.2
Voltage programming step
100
mV
VOUT-ACC
Output voltage open
loop accuracy
HP mode
1.5 V < VOUT < 4.2 V
-1.5
+1.5
%
LP mode,
0 < IOUT < 50 mA
-4
+4
VOUT-REG
Output load
regulation (1)
HP mode, CCM mode
1 mA < IOUT < 2.5 A
-1
+1
VOUT-RIPP
Output voltage ripple
(3)
HP mode, 2.8 V < VBUCKIN< 5.5 V, 5 mA < IOUT < 2500 mA
15 (2)
mVPP
LP mode, 3.0 V < VBUCKIN < 5.5 V, 1.5 V < VOUT < 4.2 V
1 mA < IOUT < 50 mA
20 (2)
IOUT_LP_PEAK
Peak output current
in LP mode
2.8 V < VBUCKIN < 5.5 V, tPEAK up to 1 ms
200
mA
IBKLIM
Inductor peak current
limit (with typical BoM
list)
Programmable value in NVM_BUCKS_IOUT_SHR
Ref. Table 1 NVM setting A and B version
Max output current steps (1 A, 1.5 A, 2 A, 2.5 A) can be defined based
on the selected inductor peak current limit level
1.2
1.8
2.5
3.0
2.1
2.6
3.1
3.6
2.6
3.1
3.6
4.1
A
fREFCLK
Reference switching
frequency
CCM mode
2
MHz
IQ_BCK
Total quiescent
current
IOUT = 0 mA, HP mode
115
300
µA
IOUT = 0 mA, LP mode
30
80
IBUCKIN_LKG Input leakage current BUCK output disabled, Tj = 25 °C
0.01
1
EFFBCK
Efficiency
VBUCKIN = 5 V, VOUT = 3.3 V,
HP mode, Tj = 50 °C
IOUT = 10 mA
IOUT = 100 mA
IOUT = 600 mA
IOUT = 2500 mA
90
92
93
85
%
VOUT-LO
Load transient
regulation (1)
HP mode, 5 mA < IOUT < 2500 mA,
ΔIOUT = 1000 mA, tR = tF = 1µs,
3.0 V < VBUCKIN < 5.5 V, ΔV (in-out) > 1.5 V
35
mV
LP mode, 0 < IOUT < 50 mA, ΔIOUT = 50 mA, tR = tF = 1 µs
30
VOUT-LI
Line transient
regulation
ΔVBUCKIN = 600 mV, ΔIOUT = 0, tR = tF = 10 μs, ΔV (in-out) > 1.5 V
2
STPMIC25
Electrical and timing characteristics
DS14278 - Rev 3
page 23/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com