Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25APQR Datasheet(PDF) 47 Page - STMicroelectronics

Part # STPMIC25APQR
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25APQR Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STPMIC25APQR Datasheet HTML 43Page - STMicroelectronics STPMIC25APQR Datasheet HTML 44Page - STMicroelectronics STPMIC25APQR Datasheet HTML 45Page - STMicroelectronics STPMIC25APQR Datasheet HTML 46Page - STMicroelectronics STPMIC25APQR Datasheet HTML 47Page - STMicroelectronics STPMIC25APQR Datasheet HTML 48Page - STMicroelectronics STPMIC25APQR Datasheet HTML 49Page - STMicroelectronics STPMIC25APQR Datasheet HTML 50Page - STMicroelectronics STPMIC25APQR Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 145 page
background image
If the software has set both the RREQ_EN and SWOFF bits, the PMIC restarts automatically after the
POWER_DOWN sequence (transition K) and goes into the POWER_ON state. The RESTART_SR register is set
accordingly.
5.4.4.2
Turn-OFF condition triggered by a hard fault
Each hard-fault source has a hard-fault counter: see Table 24
Each time a hard-fault event occurs, a turn-off condition is triggered and it is managed by fail-safe management.
See Section 5.4.5
5.4.5
Fail-safe management
Each hard-fault source has an independent fail-safe counter that is incremented each time a hard-fault turn-off
condition occurs (see Table 24). If the counter value is below (or equal to) the max limit, then the PMIC restarts (=
power cycling on fault condition). Alternatively, if the counter is higher than the max limit, then the PMIC goes into
the FAIL_SAFE_LOCK state to avoid cyclic hard failures.
Sequence details:
When a turn-off condition is triggered by a hard-fault source (see Table 23):
•
The corresponding hard-fault counter is incremented (see Table 24): xxx_FLT_CNT ++
•
The FLT_TMR is loaded with the corresponding hard-fault duration and starts (see Table 24)
•
The PMIC switches to the POWER_DOWN sequence
•
Once the POWER_DOWN sequence ends:
–
If all counters xxx_FLT_CNT <= xxx_FLT_CNT_MAX then the PMIC goes into the CHECK&LOAD
state, then PMIC waits for a FLT_TMR timer expiration before restarting (see Table 29), then it goes
into POWER_UP, and then it goes in POWER_ON state. The corresponding bit in the RESTART_SR
status register is set.
–
Else if one of the counters xxx_FLT_CNT > xxx_FLT_CNT_MAX then PMIC goes into the
FAIL_SAFE_LOCK state. The corresponding bit in the TURN_OFF_SR status register is set. Even
when the FAIL_SAFE_LOCK is skipped, the PMIC waits for FLT_TMR expiration before restarting.
Table 24. Hard-fault fail-safe counters and waits before restarting timer
Source
Fail-safe counters
Max fault iteration (NVM shadow
register)
Wait before restart timer
duration FLT_TMR[x]
VINOK_Fall
VIN_FLT_CNT[3:0]
VIN_FLT_CNT_MAX[3:0]
tVINOK_Fall
PONKEYn long press
PKEY_FLT_CNT[3:0]
PKEY_FLT_CNT_MAX[3:0]
0
Thermal shutdown
TSHDN_FLT_CNT[3:0]
TSHDN_FLT_CNT_MAX[3:0]
tTSHDN_DLY
Overcurrent protection
(OCP)
OCP_FLT_CNT[3:0]
OCP_FLT_CNT_MAX[3:0]
tHICCUP_DLY
Watchdog
WDG_FLT_CNT[3:0]
WDG_FLT_CNT_MAX[3:0]
0
Notes:
1- When a counter (xxx_FLT_CNT[3:0]) reaches 0xF, all the next counter increments keep the counter value at
0xF (and not restart to 0). This allows for infinite PMIC restart iterations to be set when xxx_FLT_CNT_MAX[3:0]
is set to 0xF.
2- Setting 0 in xxx_FLT_CNT_MAX makes the PMIC go into the FAIL_SAFE_LOCK state after the first
corresponding turn-off hard-fault condition (PMIC restarts 0 time).
3- Setting 0xF in xxx_FLT_CNT_MAX makes the PMIC always restart after any corresponding urn-off fault
condition as highlighted above in Note 1 (PMIC restarts indefinitely).
4- Programming the NVM with tHICCUP_DLY =‘0’ means no wait before restart.
5.4.5.1
Hard-fault counters reset and auto-reset
To avoid reaching the FAIL_SAFE_LOCK state due to isolated turn-off hard-fault conditions, all counters can be
reset automatically when no turn-off hard-fault condition occurs in RST_FTL_CNT_TMR timer duration. (See
Table 25 for timer duration NVM settings):
STPMIC25
Feature descriptions
DS14278 - Rev 3
page 47/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com