Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25APQR Datasheet(PDF) 33 Page - STMicroelectronics

Part # STPMIC25APQR
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25APQR Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STPMIC25APQR Datasheet HTML 29Page - STMicroelectronics STPMIC25APQR Datasheet HTML 30Page - STMicroelectronics STPMIC25APQR Datasheet HTML 31Page - STMicroelectronics STPMIC25APQR Datasheet HTML 32Page - STMicroelectronics STPMIC25APQR Datasheet HTML 33Page - STMicroelectronics STPMIC25APQR Datasheet HTML 34Page - STMicroelectronics STPMIC25APQR Datasheet HTML 35Page - STMicroelectronics STPMIC25APQR Datasheet HTML 36Page - STMicroelectronics STPMIC25APQR Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 145 page
background image
Figure 8. Buck dynamic voltage scaling (DVS)
OCP and Hiccup management: Each buck converter supports OCP and can operate in Hiccup mode. When the
output load of the buck exceeds the IOUT max output current (related to inductor peak current limit threshold
IBKLIM), the PWM pulse is immediately stopped, and the buck starts to decrease output voltage, limiting the output
current. If the overcurrent lasts more than tOCPDB_BUCK:
•
An interrupt is generated (if the interrupt has been unmasked by software).
•
Default behavior: the buck is turned OFF for tHICCUP_DLY duration and then turned ON again.
•
Alternative behavior: the PMIC is turned OFF for tHICCUP_DLY duration and then turned ON again (or goes
to FAIL_SAFE_LOCK state).
See Section 5.4.9 for details on OCP & hiccup management.
All buck converters have a programmable IOUT max current threshold. IOUT thresholds are programmed in the
NVM_BUCKS_IOUT_SHR NVM register.
Output discharge: when the buck is disabled, a configurable pull-down (PD) discharge is automatically enabled.
The buck output voltage discharges in tSD_BKtime duration (with typical recommended BOM) so that the buck
converter output voltage is low before disabling the next regulators in the next ranking slot. Four values are
configurable by software at runtime: no pull-down, slow-PD, fast-PD and forced slow-PD by setting
BUCKS_PD_CR1/2. Fast discharge output can be modified by software in fast-PD when the buck is disabled, or it
can be disabled by software to make the buck converter output in high impedance when it is disabled. See
Figure 9 which shows fast-PD and slow-PD behavior.
Startup sequence: when a buck is enabled, a startup delay (tSU_BCK) occurs before the output voltage starts to
rise, and is followed by a soft-start voltage ramp (tSS_BCK). See Figure 9
STPMIC25
Power regulator descriptions
DS14278 - Rev 3
page 33/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com